Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE1H471MHD6 Datasheet(PDF) 1 Page - Nichicon corporation

Part # UHE1H471MHD6
Description  Miniature Sized, Low Impedance,High Reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE1H471MHD6 Datasheet(HTML) 1 Page - Nichicon corporation

  UHE1H471MHD6 Datasheet HTML 1Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 2Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 3Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 4Page - Nichicon corporation UHE1H471MHD6 Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Performance Characteristics
ltem
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
Miniature Sized, Low Impedance,High Reliability
Low impedance and high reliability withstanding 4000 hours to 10000 hours.
Compliant to the RoHS directive (2002/95/EC).
Specifications
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 10V 1000µF)
U
1
H
2
E
3
1
4
A
5
1
6
0
7
2
8
M
9
P
10
D
11
12
Capacitance tolerance (
± 20%)
Size code
Rated capacitance (1000
µF)
Rated voltage (10V)
Configuration
Series name
Type
(mm)
φD
P
φd
10
5.0
0.6
5
2.0
0.5
12.5
5.0
16
7.5
0.6
0.8
18
7.5
0.8
6.3
2.5
0.5
0.6
8
3.5
In case L > 25 for the
φ12.5 dia. unit, lead dia. φd = 0.8mm
(L < 20) 1.5
(L
20) 2.0
Pressurerelief vent
(
φ6.3up)
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 to 18
HD
Configuration
15MIN
4MIN
φd
Sleeve (P.E.T.)
L+ MAX.
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
– 40 to +105˚C
6.3 to 100V
0.47 to 18000µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
Case size
φD <= 6.3
φD = 8 , 10
φD >= 12.5
tan
δ (MAX.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25˚C / Z+20˚C
6.3 to 10WV
4000 hours
6000 hours
8000 hours
5000 hours
7000 hours
10000 hours
Z–40˚C / Z+20˚C
16 to 100WV
Impedance ratio
ZT / Z20 (MAX.)
Rated voltage
(V)
6.3
101625355063
100
43222222
86433333
6.3
101625355063
100
The following specifications shall be met when the capacitors are restored to 20
˚C after D.C. bias plus rated ripple current is
applied at 105
˚C , the peak voltage shall not exceed the rated voltage.
Marking
Printed with white color letter on black sleeve.
Capacitance change
Within ± 25% of the initial capacitance value
tan
δ
200% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
120Hz
20˚C
120Hz
HE
HD
0.47 to 33
39 to 330
390 to 1000
1200 to 18000
0.55
0.70
0.75
0.80
50Hz
120Hz
300Hz
1kHz
0.45
0.60
0.65
0.75
0.70
0.85
0.90
0.95
0.90
0.95
0.98
1.00
10kHz or more
1.00
1.00
1.00
1.00
Cap. (µF)
Frequency
Frequency coefficient of rated ripple current
Dimension table in next page.
Long Life
• Please refer to page 20 about the end seal configulation.
CAT.8100B


Similar Part No. - UHE1H471MHD6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1H471MHD NICHICON-UHE1H471MHD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE1H471MHD3 NICHICON-UHE1H471MHD3 Datasheet
75Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHE1H471MHD6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1A102MPD NICHICON-UHE1A102MPD_V01 Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHW NICHICON-UHW_17 Datasheet
766Kb / 4P
   Miniature Sized, High Ripple Current, High Reliability
UCS2C100MPD NICHICON-UCS2C100MPD Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
UHW NICHICON-UHW_18 Datasheet
767Kb / 4P
   Miniature Sized, High Ripple Current,High Reliability
UPW1C681MPD1TD NICHICON-UPW1C681MPD1TD Datasheet
81Kb / 5P
   Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
logo
List of Unclassifed Man...
RJB-10V102MH4 ETC2-RJB-10V102MH4 Datasheet
68Kb / 3P
   105째C Use, Miniature, High-Reliability, Low Impedance Capacitors
logo
United Chemi-Con, Inc.
ELXY630ELL471ML25S CHEMI-CON-ELXY630ELL471ML25S Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
ELXY250ELL121MF15D CHEMI-CON-ELXY250ELL121MF15D Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
ELXY100ELL182MK20S CHEMI-CON-ELXY100ELL182MK20S Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
ELXY500ELL102ML30S CHEMI-CON-ELXY500ELL102ML30S Datasheet
64Kb / 2P
   High reliability, Low impedance, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com