Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD05V88D-LC Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # ESD05V88D-LC
Description  Electrostatic Discharge Protection Devices (ESD)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD05V88D-LC Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  ESD05V88D-LC Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD05V88D-LC Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD05V88D-LC Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD05V88D-LC Datasheet HTML 4Page - Socay Electornics Co., Ltd. ESD05V88D-LC Datasheet HTML 5Page - Socay Electornics Co., Ltd. ESD05V88D-LC Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrostatic Discharge Protection Devices (ESD)
Low Capacitance
Revision December 18, 2013
2 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESD05V88D-LC
SOCAY Electronics Co., Ltd.
www.socay.com
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse standoff voltage
VRWM
---
---
5.0
V
Breakdown voltage
VBR
IR = 1 mA
6.0
---
---
V
Reverse leakage current
IRM
VDRM = 5V
---
---
1
μA
Clamping Voltage
VC
IPP = 1A, tp = 8/20μs
---
---
14
V
Clamping Voltage
VC
IPP = 2.5A, tp = 8/20μs
---
---
25
V
Junction capacitance
CJ
VR = 0V, f = 1MHz, Between I/O pins
---
0.3
0.5
pF
Fig1. 8/20 us Pulse Waveform
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
Fig3. Power Dissipation Versus Pulse Time
Fig4. Peak Pulse Power Versus TJ
Characteristic Curves
Electrical Characteristics (TJ=25 ºC unless otherwise noticed )
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (
μs)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%


Similar Part No. - ESD05V88D-LC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD05V88D-LC LEIDITECH-ESD05V88D-LC Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
UN Semiconducctor INC
ESD05V88D-LC UNSEMI-ESD05V88D-LC Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESD05V88D-LC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-248 FAIRCHILD-AN-248 Datasheet
56Kb / 3P
   Electrostatic Discharge Prevention-Input Protection
logo
Toshiba Semiconductor
DF5A6.8LJE TOSHIBA-DF5A6.8LJE Datasheet
133Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2FU TOSHIBA-DF5A6.2FU Datasheet
162Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com