Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCH-124L2MH Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCH-124L2MH
Description  5 - 10 Amp Miniature 1 Form A or C Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH-124L2MH Datasheet(HTML) 1 Page - Tyco Electronics

  PCH-124L2MH Datasheet HTML 1Page - Tyco Electronics PCH-124L2MH Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Dimensions are shown for reference
Dimensions are in inches over (millimeters)
Specifications subject to change.
Technical Support: 1-800-522-6752
purposes only.
unless otherwise specified.
http://relays.tycoelectronics.com
OEG
Features
• 1 Form A (SPST-NO) or 1 Form C (SPDT) contact arrangements.
• 5 or 10A ratings.
• Compact size 20L x 10W x 15.2H (mm).
• High surge voltage of 8000V.
• Cadmium-free contacts.
• Sensitive (200mW) coil available on 1 Form A types.
• UL, CSA, VDE approval.
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: AgSnO.
Max. Switching Rate: 300ops./ min. (no load).
20ops./ min. (rated load).
Expected Mechanical Life: 5 million ops (no load).
Expected Electrical Life: 100,000ops (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Contact Ratings
Ratings: Models with 1 Form C Contacts, 400mW Coil
5A (NO) /3A (NC) @ 30VDC resistive.
5A (NO) /3A (NC) @ 277VAC resistive.
10A (NO) @ 125VAC resistive.
TV-3 (NO).
Models with 1 Form A Contacts, 400mW Coil
5A @ 277VAC/30VDC resistive.
10A @ 125VAC resistive.
TV-3.
Models with 1 Form A Contacts, 200mW Coil
5A @ 277VAC/30VDC resistive.
10A @ 125VAC resistive.
Max. Switched Voltage: AC: 277V.
DC: 30V.
Max. Switched Current: 10A (NO) / 3A(NC).
Max. Switched Power: 1400VA, 150W (NO); 850VA, 90W (NC).
Initial Dielectric Strength
Between Open Contacts: 750VAC, 50/60 Hz. (1 min.).
Between Contacts and Coil: 4,000VAC, 50/60 Hz. (1 min.).
Surge Voltage Between Coil and Contacts: 8,000V (1.2/50
µs).
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1000Mohm @ 500VDCM.
Coil Data
Voltage: 3 to 48VDC.
Duty Cycle: Continuous.
Nominal Power: 200mW or 400mW.
Max. Coil Power: 130% of nominal.
PCH series
5 - 10 Amp Miniature 1 Form A or C
Power PC Board Relay
Air Conditioners, Refrigerators, Microwave Ovens
UL File No. E82292
CSA File No. LR48471
VDE File No. 119568
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Coil Data @ 20
°C
Operate Data @ 20
°C
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 5% of nominal voltage or more.
Operate Time: 10ms max.
Release Time: 5ms max.
Environmental Data
Temperature Range:
Operating: Models with Class F insulation: -30
°C to +85°C.
Models with Class A insulation: -30
°C to +70°C.
Vibration, Mechanical: 10 to 55Hz., 1.5mm double amplitude.
Operational: 10 to 55Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Mechanical Data
Termination: Printed circuit terminals.
Weight: 0.25 oz (7g) approximately.
200mW Coils (Only available with 1 Form A contact arrangements)
5
40.0
125
3.75
0.25
6
30.0
180
4.50
0.30
9
22.5
400
6.75
0.45
12
16.7
720
9.00
0.60
24
8.6
2,800
18.00
1.20
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
400mW Coils
3
133.3
22.5
2.25
0.15
5
80.0
62.5
3.75
0.25
6
66.7
90.0
4.50
0.30
9
44.4
202.5
6.75
0.45
12
33.3
360.0
9.00
0.60
18
22.2
810.0
13.50
0.90
24
11.1
1,440.0
18.00
1.20
48
5.6
5,760.0
36.00
2.40
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
Issued 8-02


Similar Part No. - PCH-124L2MH

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCH-124L2MH000 TEC-PCH-124L2MH000 Datasheet
1Mb / 3P
   Miniature PCB Relay PCH
04-2012, Rev.
More results

Similar Description - PCH-124L2MH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCH-112D2H001 MACOM-PCH-112D2H001 Datasheet
145Kb / 2P
   5 - 10 Amp Miniature 1 Form A or C Power PC Board Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
ORWH-SH-112DM MACOM-ORWH-SH-112DM Datasheet
49Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com