Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1138NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA1138NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1138NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA1138NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1138NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1138NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
102
SPM2007 (11/07)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
PoE Power Transformers - EP7, EP10 & EP13
Schematics
PB2115
36V-72V
300kHz
Pri. Aux Voltage / 20mA
4
6
5
2, 1
3
3.3V, 3A
7, 8
7, 8
33-57V
200kHz
Pri. Aux Voltage / 20mA
4
1
5
9, 10
2
PA1267
3.3V, 11W
33-57V
200kHz
Pri. Aux Voltage / 20mA
3
4
2
1
PA1253NL
7
3.3V, 1.5A
8
5 0V
6
1.8V, 1A
PA1136NL, PA1137NL, PA1138NL
33V-55V
200kHz
Pri. Aux Voltage / 20mA
3
4
2
10, 9
1
Vout
8, 7
PA1260NL, PA1269NL, PA1276NL, PA1528NL
PA1277NL, PA1370NL
9V-50V
200kHz
Pri. Aux Voltage / 20mA
3
4
2
8, 7
1
3.3V, 10W
6, 5
PA1130NL / 31NL / 32NL / 33NL / 34NL / 35NL/
79NL / 80NL / 81NL / 82NL / 83NL / 84NL
33V-55V
200kHz
Pri. Aux Voltage / 20mA
3
4
2
8, 7
1
Vout
6, 5
EP7/10/13


Similar Part No. - PA1138NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NL PULSE-PA1138NL Datasheet
101Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1138NL PULSE-PA1138NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1138NL PULSE-PA1138NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1138NL PULSE-PA1138NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1138NL PULSE-PA1138NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA1138NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com