Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALR-03VF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PALR-03VF
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PALR-03VF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PALR-03VF Datasheet HTML 3Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 4Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 5Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 6Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 7Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 8Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 9Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 10Page - List of Unclassifed Manufacturers PALR-03VF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PA FAMILY SERIES
7
Through-hole type shrouded header
Q'ty /
bag
Circuits
Model No.
CD
AB
Dimensions(mm)
5
8
11
12
BE05B-PASK
BE08B-PASK
BE11B-PASK
BE12B-PASK
12.4
18.4
24.4
26.4
5.5
5.5
12.0
12.0
300
200
150
150
8.0
14.0
20.0
22.0
12.0
18.0
24.0
26.0
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Note: C and D dimensions; Refer to the PCB layout bottom type (P3).
Circuit No.1
A
B
9
0.5
5.3
2
A
B
2
9
0.5
5.3
Circuit No.1
Bottom type
(5, 8
circuits)
(11, 12
circuits)


Similar Part No. - PALR-03VF

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
PALR-03VF JST-PALR-03VF Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PALR-03VF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S02B-PASK-2 ETC2-S02B-PASK-2 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
New Jersey Semi-Conduct...
Z130PA20A NJSEMI-Z130PA20A Datasheet
106Kb / 1P
   PA Series
logo
Tyco Electronics
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
logo
Standex Electronics, In...
MS07-PA STANDEX-MS07-PA Datasheet
80Kb / 1P
   MS07-PA SERIES MAGNETIC FLOAT
Rev.01 28.09.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com