Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0849 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0849
Description  Toroid - Designed for National?셲 260kHz Simple Switcher
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0849 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0849 Datasheet HTML 1Page - Pulse A Technitrol Company P0849 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
77
SPM2007 (7/07)
In Circuit Operating Parameters 1
Package
Pulse 5
Pulse 4,5
National
Nominal
Rated
Max 2
Nominal
THT Part
SMT Part
Part
Inductance
Current
ETOP
DCR
Through
Surface
Lead
Number
Number
Number
(µH)
(ADC)
(V-µSec)
(
Ω)
Hole
Mount
Diameter
P0841
LM267X-L41
22.8
4.9
23.3
.036
KM-3.0
.035
P0845
LM267X-L45
10.2
4.3
10.0
.026
KM-1.1
.031
P0846
LM267X-L46
14.8
5.0
17.0
.023
KM-2.1
.035
P0847
LM267X-L47
10
5.0
13.0
.025
KM-2.0
.031
P0848
LM267X-L48
50
5.0
40.0
.050
KM-4.0
.039
P0849
LM267X-L49
33
5.0
36.0
.047
KM-4.0
.035
P0850
LM267X-L50
23
5.0
24.0
.026
KM-3.0
.043
P0841S
LM267X-L41
22.8
4.9
23.3
.036
HCI-68
P0845S
LM267X-L45
10
4.3
10.0
.050
LCI-44
P0846S
LM267X-L46
15
5.0
17.0
.027
LCI-50
P0847S
LM267X-L47
11
5.0
13.0
.025
LCI-50
P0848S
LM267X-L48
52 6
5.0
40.0
.025
Bigfoot
P0849S
LM267X-L49
36 6
5.0
36.0
.019
Bigfoot
P0850S
LM267X-L50
24.7 6
5.0
24.0
.013
Bigfoot
Electrical Specifications @ 25°C— Operating Temperature -40°C to +130°C 7
Tested and recommended by National
Semiconductor for the LM267X series
Base material meets flammability
requirements of UL 94V-0
Available in surface mount and through
hole versions
PKG
A
B
C
D
E
KM-1.1
.350
.580
.715
.290
.110
8,89
14,74 18,17
7,37
2,80
KM-2.0
.450
.650
.700
.325
.150
11,43
21,08 17,78
8,26
3,81
KM-2.1
.460
.670
.750
.335
.150
11,69
17,02 19,05
8,51
3,81
KM-3.0
.450
.830
.950
.415
.150
11,43
21,09 24,13
10,55
3,81
KM-4.0
.600
.950
1.350
.475
.225
15,24
24,13 34,29
12,07
5,72
E TYP
2E
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
A ± .005
0,13
D TYP
C MAX
B± .005
0,13
.130 ± .020
3,31 ± 0,51
KlipMount™ Series
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
THT/SMT POWER INDUCTORS
Toroid - Designed for National’s 260kHz
Simple Switcher
Notes :
1. Inductance values may vary ±20%.
2. ETop rated at 260kHz.
3. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corporation.
4. For SMT parts, optional Tape & Reel packaging can be ordered by adding a
"T" suffix to the part number (i.e. P0841S becomes P0841ST). Pulse complies
to industry standard tape and reel specification EIA481.
5. To order RoHS compliant part, add the suffix "NL" to the part number
(i.e. P0841 becomes P0841NL and P0841T becomes P0841NLT).
6. Series connection (pins 2-4 connected)
7. The temperature of the component (ambient plus temperature rise)
must be within the stated operating temperature range.


Similar Part No. - P0849

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0849NL PULSE-P0849NL Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
P0849NL PULSE-P0849NL Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
P0849NL PULSE-P0849NL Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
P0849NL PULSE-P0849NL Datasheet
173Kb / 2P
   Simple Switcher
P0849SNL PULSE-P0849SNL Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
More results

Similar Description - P0849

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53801NL PULSE-PE-53801NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher
PE-53933SNLT PULSE-PE-53933SNLT Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
SPM2007 PULSE-SPM2007_46 Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
logo
Nuvotem Talema
SH260 TALEMA-SH260 Datasheet
381Kb / 3P
   inductors for national 260kHz simple switcher
logo
Pulse A Technitrol Comp...
PE-53819 PULSE-PE-53819 Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54036S PULSE-PE-54036S Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-54037S PULSE-PE-54037S Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54040S PULSE-PE-54040S Datasheet
118Kb / 3P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
P596 PULSE-P596 Datasheet
381Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
   inductors designed for national?셲 50 kHz simple switcher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com