Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3900625 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M3900625
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M3900625 Datasheet(HTML) 1 Page - Vishay Siliconix

  M3900625 Datasheet HTML 1Page - Vishay Siliconix M3900625 Datasheet HTML 2Page - Vishay Siliconix M3900625 Datasheet HTML 3Page - Vishay Siliconix M3900625 Datasheet HTML 4Page - Vishay Siliconix M3900625 Datasheet HTML 5Page - Vishay Siliconix M3900625 Datasheet HTML 6Page - Vishay Siliconix M3900625 Datasheet HTML 7Page - Vishay Siliconix M3900625 Datasheet HTML 8Page - Vishay Siliconix M3900625 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M39006/22, M39006/25
www.vishay.com
Vishay
Revison: 28-Aug-12
1
Document Number: 40022
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
FEATURES
• Hermetically sealed
• Metal cased
•Axial lead
•Tubular
STYLE, MILITARY SPECIFICATION
• CLR79, M39006/22 MIL-PRF-39006/22
• CLR81, M39006/25 MIL-PRF-39006/25
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: M39006/22 - 1.7 μF to 1200 μF;
M39006/25 - 6.8 μF to 2200 μF
Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 %
Voltage Rating: 6 VDC to 125 VDC
Established Reliability Tantalum Capacitors to Military
Specification MIL-PRF-39006: In accordance with the
military specification MIL-PRF-39006 all capacitors are
marked with the military part number (M39006/xx-xxxx)
rather than the older style designation (CLR79, CLR81) and
should be ordered as such.
For information on the performance characteristics of these
capacitors, please refer to the latest issue of the Military
Specification. MIL-PRF-39006 establishes 1000 h failure
rate levels of 1 %, 0.1 %, and 0.01 %. When ordering these
parts, care must be exercised that the correct part number
expressing the appropriate failure level be specified.
Each
order
for
military
style
capacitors
requiring
government inspection must state whether inspection is to
be at the destination or at the Vishay plant. Orders requiring
source inspection cannot be shipped until this has been
accomplished.
ORDERING INFORMATION
M39006
/22
-0441
H
BASIC
DOCUMENT NUMBER
SLASH SHEET
DASH NUMBER
DESIGNATION OF HIGH
VIBRATION (OPTIONAL)
Indicates the basic
specification; in this case
MIL-PRF-39006
Indicates the specification
sheet of the basic
military specification
Taken from Standard/
Extended Ratings tables
H, optional, if specified


Similar Part No. - M3900625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3900622-0441H VISHAY-M3900622-0441H Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M39006220660 VISHAY-M39006220660 Datasheet
209Kb / 21P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Revision 13-Oct-03
More results

Similar Description - M3900625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M39006 VISHAY-M39006 Datasheet
209Kb / 21P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
Revision 13-Oct-03
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
   MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
   Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
RLR07C2001FM VISHAY-RLR07C2001FM Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com