Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB140DS21 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LB140DS21
Description  140MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS21 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LB140DS21 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS21 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS21 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LB140DS21
Rev. Date
2009-01-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
32MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS21
Matching Configuration
L1=L2=82nH L3=150nH L4=120nH
R1=510Ω
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: SMD13.3*6.5
Unit: mm
Pad Configuration:
Input:
11
Output: 5
Ground:
All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LB140DS21: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
INPUT
OUTPUT
50
50
L2
R1
L1
L3
L4
6
5
12
11
4
3
2
1
7
8
9
10
1
3
2
4
10
7
8
9
12
11
5
6
13.3±0.18
2.54±0.13
SIPAT
LB140DS21
XXYYZZ
7.62±0.13
1.5±0.13
0.8±0.13


Similar Part No. - LB140DS21

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS21 SIPAT-LB140DS21 Datasheet
266Kb / 3P
   140MHz SAW Filter 32.5MHz Bandwidth
More results

Similar Description - LB140DS21

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
LBN140A77 SIPAT-LBN140A77 Datasheet
324Kb / 3P
   140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
   140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
   140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
   140MHz SAW Filter
logo
Golledge Electronics Lt...
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com