Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB140DS17 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB140DS17
Description  140MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS17 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS17 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS17 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS17 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS17
Rev. Date
2009-03-27
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS17
Typical Performance
Frequency Respond
Passband Respond
90
100
110
120
130
140
150
160
170
180
190
-101.5388
-91.5388
-81.5388
-71.5388
-61.5388
-51.5388
-41.5388
-31.5388
-21.5388
-11.5388
-1.5388
Type Performance
Frequency(MHz)
100
110
120
130
140
150
160
170
180
-14.0388
-13.5388
-13.0388
-12.5388
-12.0388
-11.5388
-11.0388
-10.5388
-10.0388
Type Performance
Frequency(MHz)
Horizontal: 10MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±9.6MHz)
Phase Linearity(f0±9.6MHz)
120
125
130
135
140
145
150
155
160
500
600
700
800
900
1000
1100
1200
1300
1400
X: 149.6
Y: 1017
Type Performance
Frequency(MHz)
X: 130.4
Y: 999.4
X: 140
Y: 961
120
125
130
135
140
145
150
155
160
-20
-15
-10
-5
0
5
10
15
X: 149.6
Y: 1.458
Type Performance
Frequency(MHz)
X: 140
Y: 0.125
X: 130.4
Y: -0.3025
Horizontal: 5MHz/Div
Vertical: 100ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LB140DS17

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
   140MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LB140DS17

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
LBN140A77 SIPAT-LBN140A77 Datasheet
324Kb / 3P
   140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
   140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
   140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
   140MHz SAW Filter
logo
Golledge Electronics Lt...
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com