Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWFA2J394J Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWFA2J394J
Description  Metallized Polypropylene Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFA2J394J Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWFA2J394J Datasheet HTML 1Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 2Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 3Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 4Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 5Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 6Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 7Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 8Page - Panasonic Semiconductor ECWFA2J394J Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
−FC54−
Plastic Film Capacitors
Metallized Polypropylene Film Capacitors
Type:
ECWF(A)
Designed for high frequency and current applications.
■Features
Small size
Excellent frequency characteristics
Low loss
Low Hum Sound Noise
85 degree C , 85%RH , 500VDC , 500 hours (630VDC)
RoHS directive compliant
■Recommended Applications
250VDC,630VDC:High frequency and high current circuits
450VDC:Active filter circuits
■Explanation of Part Numbers
1
23
456
78
9
10
11
E
C
W
F
A
Products code
Dielectric &
construction
Rated
voltage
Cap. Tol.
Suffix
Suffix
Capacitance
● 250VDC,450VDC (Odd Size Taping)
● 250VDC,450VDC (Bulk)
E
C
W
F
R
A
Products code
Dielectric &
construction
Rated voltage
Suffix
Cap. Tol.
Suffix
Capacitance
Suffix
Blank
B
Q
C
Lead form
Straight
Crimped Lead
Crimped Lead
Cut lead
2
2W
250 VDC
450 VDC
±3%
±5%
±5%
±10 %
H
J
J
K
1
23
456
78
9
10
11
12
E
C
W
F
A
2
J
J
Products code
Dielectric &
construction
Rated voltage
Cap. Tol.
Suffix
Capacitance
● 630VDC (Bulk, Odd Size Taping)
Suffix
Blank
B
Q
C
4
Lead form
Straight
Crimped Lead
Crimped Lead
Cut lead
Odd size taping
2J
630 VDC
±5%
J
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
54


Similar Part No. - ECWFA2J394J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWFA2J394J PANASONIC-ECWFA2J394J Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWFA2J394JA PANASONIC-ECWFA2J394JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - ECWFA2J394J

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com