Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EESX671P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EESX671P
Description  Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EESX671P Datasheet(HTML) 5 Page - Omron Electronics LLC

  EESX671P Datasheet HTML 1Page - Omron Electronics LLC EESX671P Datasheet HTML 2Page - Omron Electronics LLC EESX671P Datasheet HTML 3Page - Omron Electronics LLC EESX671P Datasheet HTML 4Page - Omron Electronics LLC EESX671P Datasheet HTML 5Page - Omron Electronics LLC EESX671P Datasheet HTML 6Page - Omron Electronics LLC EESX671P Datasheet HTML 7Page - Omron Electronics LLC EESX671P Datasheet HTML 8Page - Omron Electronics LLC EESX671P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
EE-SX47/67
EE-SX47/67
PNP Output
*1. Do not connect the L terminal to 0 V when using dark-ON operation.
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
● Operating Environment
These Photomicrosensors have an IP50 (conforms to IEC) enclosure
and do not have a water-proof or dust-proof structure. Therefore, do
not use them in applications in which the sensor will be subjected to
splashes from water, oil, or any other liquid. Liquid entering the
Sensor may result in malfunction.
Make sure that this product is used within the rated ambient
environment conditions.
● Installation
• When direct soldering to the terminals, use the following guidelines.
Soldering Conditions
• The terminal base uses a polycarbonate resin, which could be deformed by
excessive soldering heat, resulting in damage to the product's functionality.
● Lot Number and Model Number Legend
In the following diagrams, 376d
indicates the lot number and factory
where the product was
manufactured. Do not include this
code with the model number when
ordering.
Model
Output
configuration
Timing charts
Terminal
connections
Output circuit
EE-SX67
@P
EE-SX67
@P-WR
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
*1
EE-SX670R
EE-SX671R
EE-SX672R
EE-SX673R
EE-SX674R
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
*1
EE-SX470P
EE-SX471P
EE-SX472P
EE-SX473P
EE-SX474P
Light-ON
---
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
L
5 to
24 VDC
Load
Main
circuit
L
OUT
IC
Light indicator
(red)
*
*The terminal arrangement depends on the model.
Check the dimensional diagrams.
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
5 to
24 VDC
Load
Main
circuit
OUT
IC
Light indicator (red)
WARNING
Precautions for Safe Use
Precautions for Correct Use
Item
Temper-
ature
Permissible
time
Remarks
Soldering
iron
350°C
max.
3 s max.
The portion between the base of the
terminals and the position 1.5 mm from
the terminal base must not be soldered.
EE-SX670
Lot number and factory code
Model number
376d
EE-SX
@70@


Similar Part No. - EESX671P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EESX670 OMRON-EESX670 Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
More results

Similar Description - EESX671P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1006-A OMRON-EE-1006-A Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
EESX670 OMRON-EESX670 Datasheet
1Mb / 13P
   Photomicrosensor with 50- to 100-mA direct switching capacity for built-in application.
logo
Microchip Technology
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
logo
Omron Electronics LLC
EE-SX3157-P1 OMRON-EE-SX3157-P1 Datasheet
261Kb / 2P
   Through-beam Photomicrosensors with 5-mm slot.
logo
Microchip Technology
TC2185-3.0VCTTR MICROCHIP-TC2185-3.0VCTTR Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs
11/29/12
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com