Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF2124 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECWF2124
Description  Metallized Polypropylene Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2124 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECWF2124 Datasheet HTML 2Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 3Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 4Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 5Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 6Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 7Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 8Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 9Page - Panasonic Semiconductor ECWF2124 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(Metallized Polypropylene Film)
-10
-5
0
5
10
-40
-20
0
20
40
60
80
100
0.1uF,2.2uF,4.7uF
0.0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
0.1uF,2.2uF,4.7uF
Temperature Characteristics
Frequency Characteristics
Electrical Characteristics <Typical Data >
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-40
-20
0
20
40
60
80
100
0.1uF
2.2uF
4.7uF
-10
-5
0
5
10
1
10
100
1000
0.1uF
2.2uF
4.7uF
0
2
4
6
8
10
1
10
100
1000
4.7uF
0.1uF
2.2uF
0.001
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
at 1kHz
at 1kHz
at DC100V
Frequency(kHz)
Temperature(℃)
Frequency(kHz)
Temperature(℃)
ECWF (A) Type
DC450V series
Frequency(kHz)
Temperature(℃)
0.1uF
4.7uF
2.2uF


Similar Part No. - ECWF2124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2124 PANASONIC-ECWF2124 Datasheet
100Kb / 3P
   Metallized Polypropylene Film Capacitors
ECWF2124A PANASONIC-ECWF2124A Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2124JA PANASONIC-ECWF2124JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2124MB PANASONIC-ECWF2124MB Datasheet
92Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF2124

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com