Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECX-64AEN Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECX-64AEN
Description  Compact and low profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-64AEN Datasheet(HTML) 1 Page - ECS, Inc.

  ECX-64AEN Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.0
± 0.2
24
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
EN
SMD CRYSTALS
The ECX-64A EN& ECX-64CEN are subminature
SMD crystals with 3.5 X 6 mm footprint. This
cost effective all ceramic package is available
in 2 and 4 pad versions. The package height
measures 1.1 mm max. which is ideal for
densely populated PCB applications.
FEATURES
• Compact and low profile
• Glass sealed ceramic package
• Tape & Reel (1,000 pcs)
ECX-64AEN/64CEN
SMD QUARTZ CRYSTAL
PACKAGE DIMENSIONS (mm)
1.5
3.0
2.6
1.9
1.9
0.9
1.4
#1
#4
#2
#3
3.0
(#2 & #4: NC)
1.4
1.1
1.4
4.5
2.6
1.9
1.9
Figure 1) ECX-64AEN &64CEN - Top and side views
Figure 3) ECX-64CEN - Pad Configuration
Bottom and End views
Figure 5) ECX-64CEN - Recommended
Solder Pad Layout
Figure 2) ECX-64AEN - Pad Configuration
Bottom and End views
Figure 4) ECX-64AEN - Recommended
Solder Pad Layout
PART NUMBERING GUIDE “EXAMPLE”
MANUFACTURER
FREQUENCY (16.0000 MHz)
LOAD CAPACITANCE*
PACKAGE TYPE**
ECS
160
20
23AEN
* Load capacitance (xx=xx pF, S=series resonance). **Package Type Examples (23AEN=ECX-64AEN, 23CEN=ECX-64CEN)
Note: See Product Selection Guide for additional options including tighter tolerances or extended temperature range.
* Tighter specifications are available. **Extended temperature range available.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
12.600
100.000
MHz
CALIBRATION TOLERANCE
@ +25˚C
±30*
PPM
FREQUENCY STABILITY ref @25˚C
-40 ~ +85˚C
±50*
PPM
SHUNT CAPACITANCE
7pF
LOAD CAPACITANCE
CL (Customer Specified)
10
16.0 standard
Series
pF
DRIVE LEVEL
DL
100
µW
OPERATING TEMPERATURE
TOPR**
-40
+85
˚C
STORAGE TEMPERATURE
TSTG
-40
+85
˚C
AGING CHARACTERISTICS (Per Year)
@ +25˚C ± 3˚C per year
±5
PPM
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR
FREQUENCY RANGE (MHz)
MODE OF OSC
MAX ESR
12.600 ~ 15.999
Fundamental
80
20.000 ~ 49.999
Fundamental
40
16.000 ~ 19.999
Fundamental
60
50.000 ~ 100.000
3rd O/T
100
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION


Similar Part No. - ECX-64AEN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-64A ETC1-ECX-64A Datasheet
134Kb / 1P
   SMD QUARTZ CRYSTAL
logo
ECS, Inc.
ECX-64A ECS-ECX-64A Datasheet
144Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-64A ECS-ECX-64A Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-64A ECS-ECX-64A_17 Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-64A_ECX-64CR ECS-ECX-64A_ECX-64CR Datasheet
162Kb / 1P
   The ECX-64A is a miniature SMD Crystal with a 3.5 x 6 mmfootprint. This cost effective with a height of 1.1 mm which is ideal for densely populated PCB applications.
More results

Similar Description - ECX-64AEN

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1590R2540AKDB1-T ABRACON-APAE1590R2540AKDB1-T Datasheet
2Mb / 3P
   Compact Size and Low Profile
08.20.15
APAE1575R2540AADBE-T ABRACON-APAE1575R2540AADBE-T Datasheet
2Mb / 3P
   Compact Size and Low Profile
11.13.14
logo
Soshin electric Co., Lt...
HMD965U SOSHIN-HMD965U Datasheet
112Kb / 3P
   5GHz Compact, Low profile
logo
Murata Manufacturing Co...
DLP11RB400UL2 MURATA1-DLP11RB400UL2_V01 Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB150UL2 MURATA1-DLP11RB150UL2_V01 Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
logo
Abracon Corporation
ASTX-H12 ABRACON-ASTX-H12 Datasheet
1Mb / 3P
   Compact and low in height
05.13.15
ASE3SERIES ABRACON-ASE3SERIES Datasheet
2Mb / 3P
   Compact and low in height
03.05.14
logo
Vincotech
10-FZ062TA040FB-P984D18 VINCOTECH-10-FZ062TA040FB-P984D18 Datasheet
2Mb / 20P
   Compact and low inductance design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
   Compact and low inductive design
V23990-P829-F10-PM VINCOTECH-V23990-P829-F10-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com