Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC6-185 Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SC6-185
Description  Radial Lead Resettable Polymer PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC6-185 Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SC6-185 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC6-185 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC6-185 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC6-185 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
4 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC6 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Figure1
Figure2
A
B
C
D
Lead (dia)
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Part
Number
Figure
Max.
Max.
Max.
Max.
Typ.
Typ.
Max.
Max.
Inches
mm
Packaging
(Bulk Pack)
SC6-050
Figure1
0.236
6.0
0.445
11.3
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-065
Figure1
0.236
6.0
0.472
12.0
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-075
Figure1
0.276
7.0
0.472
12.0
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-090
Figure2
0.256
6.5
0.453
11.5
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-110
Figure2
0.276
7.0
0.472
12.0
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-120
Figure1
0.283
7.2
0.480
12.2
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-135
Figure2
0.256
6.5
0,591
14.5
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-160
Figure2
0.346
8.8
0.543
13.8
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-185
Figure2
0.346
8.8
0.610
15.5
0.200
5.1
0.118
3.0
0.020
0.5
1000
SC6-250
Figure2
0.394
10.0
0.630
16.0
0.200
5.1
0.118
3.0
0.020
0.5
1000
u This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current in a fault
condition, Operation beyond the maximum rating or improper use may result in device damage and possible electrical arcing and
flame.
u A PPTC device is not a fuse, It is a nonlinear thermistor that limits current, Because under a fault condition all PPTC devices go
into a high resistance state but not open circuit hazardous voltage may be present at PPTC.
u The devices are intended for protection against occasional over-current or over-temperature fault conditions and should not be
used when repeated fault conditions or prolonged trip events.
u In most application, power must be removed and the fault condition cleared in order to reset a PPTC device.
u PPTC devices are not recommended to be installed in applications where the device is constrained such that its PPTC
properties are inhibited, for example in rigid potting materials or Add devices surface coating, Bundled devices ontology, which
lack adequate clearance to accommodate device expansion.
u Contamination on of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the
performance of the devices. For example, Organic solvents to cleaning.
Dimensions
Warning


Similar Part No. - SC6-185

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6 FUMAN-SC6 Datasheet
210Kb / 15P
   16Pin infrared remote control IC
logo
Frontier Electronics.
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
   6A SILICON RECTIFIER CELL
logo
Socay Electornics Co., ...
SC60-005 SOCAY-SC60-005 Datasheet
387Kb / 4P
   Radial Lead Resettable Polymer PTCs
logo
Frontier Electronics.
SC60-01 FRONTIER-SC60-01 Datasheet
113Kb / 1P
   6A SILICON RECTIFIER CELL
logo
Socay Electornics Co., ...
SC60-010 SOCAY-SC60-010 Datasheet
387Kb / 4P
   Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC6-185

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC135-050 SOCAY-SC135-050 Datasheet
464Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
399Kb / 4P
   Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN30 UNSEMI-UN30 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
logo
Socay Electornics Co., ...
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC30-040 SOCAY-SC30-040 Datasheet
427Kb / 4P
   Radial Lead Resettable Polymer PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com