Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC30-400 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC30-400
Description  Radial Lead Resettable Polymer PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC30-400 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC30-400 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC30-400 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC30-400 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC30-400 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
1 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC30 Series
SOCAY Electronics Co., Ltd.
www.socay.com
SC30 series radial leaded PTCs are designed to provide
over-current protection for low voltage (≤30V)
applications
where space is not a concern and resettable protection is
preferred.
u
Cured,
flame retardant epoxy polymer meets UL 94V-0
requirements
u
30V operating voltage
u
Fast time-to-trip
u
RoHS compliant, Lead-Free and Halogen-Free
u
Computers and peripherals
u
Power ports
u
Motor protection
u
Automotive application
u
USB hubs ,ports and peripherals
u
General electronics
Maximum Time
To Trip
Resistance
Part Number
I hold (A)
I trip
(A)
V max
(Vdc)
I max
(A)
P dtyp.
(W)
Current
(A)
Time
(Sec.)
R min
(m
Ω)
R max
(m
Ω)
R 1max
(m
Ω)
SC30-040
0.40
0.8
30
40
0.45
2.00
3.10
360
800
1200
SC30-050
0.50
1.0
30
40
0.50
2.50
3.80
270
600
900
SC30-065
0.65
1.3
30
40
0.50
3.25
4.50
160
360
540
SC30-075
0.75
1.5
30
40
0.55
3.75
5.20
135
300
450
SC30-090
0.90
1.8
30
40
0.60
4.50
5.90
110
220
330
SC30-110
1.10
2.2
30
40
0.70
5.50
6.60
85
170
230
SC30-135
1.35
2.7
30
40
0.80
6.75
7.30
65
130
165
SC30-160
1.60
3.2
30
40
0.90
8.00
8.00
55
110
140
SC30-185
1.85
3.7
30
40
1.00
9.25
8.70
45
90
115
SC30-250
2.5
5.0
30
40
1.20
12.5
10.3
35
70
90
SC30-300
3.0
6.0
30
100
2.0
15.0
10.8
30
60
80
SC30-400
4.0
8.0
30
100
2.5
20.0
12.7
20
40
50
SC30-500
5.0
10.0
30
100
3.0
25.0
14.5
15
30
40
SC30-600
6.0
12.0
30
100
3.5
30.0
16.0
12
24
30
SC30-700
7.0
14.0
30
100
3.8
35.0
17.5
10
20
25
SC30-800
8.0
16.0
30
100
4.0
40.0
18.8
8.5
17
22
SC30-900
9.0
18.0
30
100
4.2
45.0
20.0
7.0
14
18
I hold= Hold current: maximum current device will pass without tripping in 25°C still air.
I trip= Trip current: minimum current at which the device will trip in 25°C still air.
V max= Maximum voltage device can withstand without damage at rated current (Imax)
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 25°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R max= Maximum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 25°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
Description
Features
Electrical Parameters
Applicable


Similar Part No. - SC30-400

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
SC30-01 FRONTIER-SC30-01 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
SC30-02 FRONTIER-SC30-02 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
SC30-04 FRONTIER-SC30-04 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
SC30-06 FRONTIER-SC30-06 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
More results

Similar Description - SC30-400

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC135-050 SOCAY-SC135-050 Datasheet
464Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
   Radial Lead Resettable Polymer PTCs
SC6-050 SOCAY-SC6-050 Datasheet
406Kb / 4P
   Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
399Kb / 4P
   Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN30 UNSEMI-UN30 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
   Radial Lead Resettable Polymer PTCs
Revision March 1,2022
logo
Socay Electornics Co., ...
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
   Radial Lead Resettable Polymer PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com