Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E53-Q Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E53-Q
Description  Advanced Digital Controllers Ideal for Worldwide Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-Q Datasheet(HTML) 4 Page - Omron Electronics LLC

  E53-Q Datasheet HTML 1Page - Omron Electronics LLC E53-Q Datasheet HTML 2Page - Omron Electronics LLC E53-Q Datasheet HTML 3Page - Omron Electronics LLC E53-Q Datasheet HTML 4Page - Omron Electronics LLC E53-Q Datasheet HTML 5Page - Omron Electronics LLC E53-Q Datasheet HTML 6Page - Omron Electronics LLC E53-Q Datasheet HTML 7Page - Omron Electronics LLC E53-Q Datasheet HTML 8Page - Omron Electronics LLC E53-Q Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
E5AK
4
■ Input Ranges
Platinum Resistance Thermometer
Thermocouple
Note: Setting number is factory-set to 2 (K1).
Thermocouple W is W/Re5-26 (tungsten rhenium 5, tungsten rhenium 26).
Current/Voltage
Input (switch selectable)
JPt100
Pt100
Range
°C
−199.9 to 650.0
−199.9 to 650.0
°F
−199.9 to 999.9
−199.9 to 999.9
Setting
01
Input (switch
selectable)
(See note.)
K1
K2
J1
J2
T
E
L1
L2
U
N
R
S
B
W
PLII
Range
°C
−200
to
1,300
0.0 to
500.0
−100
to 850
0.0 to
400.0
−199.9
to 400.0
0 to
600
−100
to 850
0.0 to
400.0
−199.9
to 400.0
−200
to
1,300
0 to
1,700
0 to
1,700
100 to
1,800
0 to
2,300
0 to
1,300
°F
−300
to
2,300
0.0 to
900.0
−100
to
1,500
0.0 to
750.0
−199.9
to 700.0
0 to
1,100
−100
to
1,500
0.0 to
750.0
−199.9
to 700.0
−300
to
2,300
0 to
3,000
0 to
3,000
300 to
3,200
0 to
4,100
0 to
2,300
Setting
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Input (switch selectable)
Current input
Voltage input
4 to 20 mA
0 to 20 mA
1 to 5 V
0 to 5 V
0 to 10 V
Range
One of following ranges depending on results of scaling
−1999 to 9999
−199.9 to 999.9
−19.99 to 99.99
−1.999 to 9.999
Setting
17
18
19
20
21


Similar Part No. - E53-Q

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-Q OMRON-E53-Q Datasheet
694Kb / 36P
   Digital Controller
E53-Q3 OMRON-E53-Q3 Datasheet
694Kb / 36P
   Digital Controller
E53-Q4 OMRON-E53-Q4 Datasheet
694Kb / 36P
   Digital Controller
E53-Q4HQ4H OMRON-E53-Q4HQ4H Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
E53-Q4HQ4H OMRON-E53-Q4HQ4H Datasheet
795Kb / 14P
   Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
More results

Similar Description - E53-Q

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E5CK-AA1-500 OMRON-E5CK-AA1-500 Datasheet
795Kb / 14P
   Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
E5CK OMRON-E5CK Datasheet
273Kb / 22P
   Advanced, Compact Digital Controllers
logo
Silicon Laboratories
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
SI2141 SILABS-SI2141 Datasheet
206Kb / 2P
   Worldwide Digital TV Tuner
logo
RSG Electronic Componen...
ZWS5 RSG-ZWS5 Datasheet
466Kb / 4P
   Single Output Low Cost, Worldwide Use
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
PHOENIX CONTACT
1810191 PHOENIX-1810191 Datasheet
117Kb / 4P
   Well-known connection principle allows worldwide use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com