Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8361YDWF16 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8361YDWF16
Description  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8361YDWF16 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS8361YDWF16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8361YDWF16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8361YDWF16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8361YDWF16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8361YDWF16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8361YDWF16 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D
Lead Count
Metric
English
Max
Min
Max
Min
16L PDIP
19.69
18.67
.775
.735
16L SO Wide*
10.50
10.10
.413
.398
20L SO Wide*
13.00
12.60
.512
.496
Part Number
Description
CS8361YDPS7
7L D2PAK short-leaded
CS8361YDPSR7
7L D2PAK short-leaded, (tape & reel)
CS8361YT7
7L TO-220 (Straight)
CS8361YDWF16
16L SO Wide*
CS8361YDWFR16 16L SO Wide*, (tape & reel)
CS8361YN16
16L PDIP
CS8361YDW20
20L SO Wide*
CS8361YDWR20
20L SO Wide*, (tape & reel)
6
Ordering Information
Rev. 5/4/99
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Package Specification
PACKAGE DIMENSIONS IN mm(INCHES)
PACKAGE THERMAL DATA
Thermal Data
typ
RQJA
RQJC
ûC/W
7L D2PAK
10-50**
3.5
7L TO-220
50
3.5
16L PDIP
80
42
16L SO Wide*
75
18
20L SO Wide*
55
9
** Depending on thermal properties of substrate. RQJA = RQJC + RQCA
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)
* Internally Fused Leads
7 Lead D2PAK (DPS)* Short-Leaded
1.98 (.078)
1.47 (.058)
14.71 (.579)
13.69 (.539)
4.57 (.180)
4.31 (.170)
1.40 (.055)
1.14 (.045)
2.79 (.110)
2.54 (.100)
TERMINAL 8
7.75 (.305)
REF
6.50 (.256) REF
10.31 (.406)
10.05 (.396)
1.27 (.050)
REF
1.68 (.066)
1.40 (.055)
.254 (.010)
REF
0.91 (.036)
0.66 (.026)
8.53 (.336)
8.28 (.326)
0.10 (.004)
0.00 (.000)
*CHERRY SEMICONDUCTOR SHORT-LEADED FOOTPRINT
7 Lead TO-220 (T) Straight
2.87 (.113)
2.62 (.103)
9.78 (.385)
10.54 (.415)
1.40 (.055)
1.14 (.045)
0.64 (.025)
0.38 (.015)
0.56 (.022)
0.36 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
14.22 (.560)
13.72 (.540)
0.94 (.037)
0.58 (.023)
7.75 (.305)
7.49 (.295)
2.92 (.115)
2.29 (.090)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
6.55 (.258)
5.94 (.234)


Similar Part No. - CS8361YDWF16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8361YDWF16G ONSEMI-CS8361YDWF16G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results

Similar Description - CS8361YDWF16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com