Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCD-181N Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SCD-181N
Description  Spark Gap Protectors (SPG)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCD-181N Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SCD-181N Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCD-181N Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCD-181N Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCD-181N Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCD-181N Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
2 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCD Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
DC Spark-over
Voltage
Vs(V)
Minimum
Insulation
Resistance
IR(OHM)/DC
Maximum
Capacitance
1KHZ-6Vmax
C (pF)
Surge Current
Capacity
8/20
μS
Surge Life Test
SCD-181N
180(126~234)
100M / 50V
1.0
3000A
10KV / 150A , >300T
SCD-201M
200(160~240)
100M /100V
1.0
3000A
10KV / 150A , >300T
SCD-301M
300(240~360)
100M /100V
1.0
3000A
10KV / 150A , >300T
SCD-401M
400(320~480)
100M / 250V
1.0
3000A
10KV / 150A , >300T
SCD-501M
500(400~600)
100M / 250V
1.0
3000A
10KV / 150A , >300T
Part Number
Color Code1
Color Code2
Color Code3
SCD-181N
Gray
-
-
SCD-201M
Red
-
-
SCD-301M
Orange
-
-
SCD-401M
Yellow
-
-
SCD-501M
Green
-
-
Electrical Characteristics
Color Code


Similar Part No. - SCD-181N

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
   Leaded disks ceramic PTC
logo
Richco, Inc.
SCD-1521 RICHCO-SCD-1521 Datasheet
58Kb / 1P
   SINGLE CABLE DUCT
More results

Similar Description - SCD-181N

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC UNSEMI-UNC Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
   WP SPG - SPARK GAP PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com