Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1888509-4 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1888509-4
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1888509-4 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1888509-4 Datasheet HTML 5Page - Tyco Electronics 1888509-4 Datasheet HTML 6Page - Tyco Electronics 1888509-4 Datasheet HTML 7Page - Tyco Electronics 1888509-4 Datasheet HTML 8Page - Tyco Electronics 1888509-4 Datasheet HTML 9Page - Tyco Electronics 1888509-4 Datasheet HTML 10Page - Tyco Electronics 1888509-4 Datasheet HTML 11Page - Tyco Electronics 1888509-4 Datasheet HTML 12Page - Tyco Electronics 1888509-4 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
AdvancedTCA Zone 2
Z-PACK HM-Zd High Speed
Signal Connectors (Continued)
4 Pair
Vertical Pin Header
Assemblies
Ref.
Typ.
Ref.
Typ.
Ref.
Typ.
Ref.
Typ.
A
All Plated
Thru Holes
2.50
[.098]
2.95 ± 0.05
[.116 ± .002]
6.35
[.250]
Ref.
13.40 ± 0.08
[.528 ± .003]
5.675
[.223]
23.43
[.922]
2.50
[.098]
Max.
1.50
[.059]
Ref.
Ref.
Ref.
0.75
[.030]
Typ.
1.50
[.059]
Typ.
2.50
[.098]
9 x 2.50 [.098] =
22.50 [.886]
1.50
[.059]
3.00
[.118]
Recommended PC Board Layout
Backplane Component Side Shown
PCB Hole Dim.
Drilled Hole = 0.7000 ± 0.025 [.02756 ± .0010]
Finished Hole = 0.60 ± 0.05 [.024 ± .002]
Cu Thickness = 0.375 ± 0.0125 [.0148 ± .00049]
SnPb Thickness = 0.007 ± 0.003 [.0003 ± .0001]
1
1
+ 0.08
– 0.20
+ .003
– .008
19.65
[.774
]
Note: For finishes other than
tin-lead, reference Application
Specification 114-13059.
Application Tooling
Part
Tail
Mating
Column
Module
Signals
Grounds
Insertion
Repair
Number
Length
Pin
Count
Length
Pin
Pin
Housing
Pin
Length
(Dim. A)
Header
Removal
Removal
Insertion
1
6469002-11
2.50
5.30
10
25.00
80
40
91349-1
1583237-1
1583220-1
1583255-1
.098
.209
.984
2
6469046-12
2.50
5.30
10
25.00
80
40
91349-1
1583237-1
1583220-1
1583255-1
.098
.209
.984
6469074-1
1.80
5.30
10
25.00
80
40
91349-1
1583237-1
1583220-1
1583255-1
.071
.209
.984
6469287-1
2.50
5.30
12
30.00
96
48
91349-3
1583237-1
1583220-1
1583255-1
.098
.209
1.181
6469296-1
2.50
5.30
15
37.50
120
60
91349-2
1583237-1
1583220-1
1583255-1
.098
.209
1.476
6469062-1
2.50
5.30
20
50.00
160
80
91349-4
1583237-1
1583220-1
1583255-1
.098
.209
1.969
6469099-1
1.80
5.30
20
50.00
160
80
91349-4
1583237-1
1583220-1
1583255-1
.071
.209
1.969
1
AdvancedTCA Zone 2 Backplane Connector.
2
Shallow Wall for Daughtercards thicker than 3.50 [.138].
Note: Part Numbers are RoHS compliant.


Similar Part No. - 1888509-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888509-4 MACOM-1888509-4 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 1888509-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com