Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95073-STX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 95073-STX
Description  LTCC High Voltage Flyback Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

95073-STX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  95073-STX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is protected under US Patent #6054914, #6198374 and other international patents.
Specifications subject to change without notice. 03/13
LTCC
High Voltage Flyback Transformer
95073, 95073-STX
NASCENTechnology, Inc. has developed a transformer for high voltage flyback applications using low
temperature co-fired ceramic (LTCC) ferrite. Using a standard flyback circuit, 1500 VDC output is possible
from a 15 VDC input. The monolithic structure affords improved mechanical strength over traditional
transformer technology.
For additional information, contact: Daryl Schofield
Phone: 605-882-8513, Fax: 605-884-2450, E-Mail: dschofield@nascentechnology.com
NASCENTechnology, Inc. 121 Airport Drive, Watertown, SD 57201
www.nascentechnology.com
Electrical Parameters
Primary
Inductance
100 kHz
500 mV
75.0 uH
+/- 33%
Pulse
Inductance
15 VDC
1.5A, ~4.0 us
35.0 uH min.
Leakage
Inductance
100 kHz
500 mV
11 uH typ.
Secondary
Inductance
100 kHz
500 mV
3.7 mH
+/- 33 %
Primary
Resistance
1.45 ohms
+/- 20%
Secondary
Resistance
35.0 ohms
+/- 20%
Dielectric
Rating
60 Hz, 1s
1500 V
Turns ratio
1:8
V-us Rating
90
Features
Low profile
Rugged package
Self shielding
Pick and place
Customization available
Variants
-STX’s are pre-stressed
NASCENT
95073


Similar Part No. - 95073-STX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
95073 ETC2-95073 Datasheet
162Kb / 1P
   Demo Boards High Voltage Flyback Charge Circuit
More results

Similar Description - 95073-STX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
95075 ETC2-95075 Datasheet
325Kb / 1P
   LTCC High Voltage Flyback Transformer
logo
PCA ELECTRONICS INC.
EPC3229G-X PCA-EPC3229G-X_15 Datasheet
20Kb / 1P
   High Voltage Flyback Transformer
EPC3229G-1 PCA-EPC3229G-1 Datasheet
20Kb / 1P
   High Voltage Flyback Transformer
logo
List of Unclassifed Man...
95092 ETC2-95092 Datasheet
648Kb / 6P
   High Temperature, High Voltage Flyback Transformer
95090 ETC2-95090 Datasheet
230Kb / 1P
   LTCC Pulse Transformer
logo
PCA ELECTRONICS INC.
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
   Flyback Transformer
logo
Coilcraft lnc.
FA2443-AL COILCRAFT-FA2443-AL Datasheet
134Kb / 1P
   Flyback Transformer
GA3502-BL COILCRAFT-GA3502-BL Datasheet
143Kb / 1P
   Flyback Transformer
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
   FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
   Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com