Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1367703-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1367703-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1367703-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1367703-1 Datasheet HTML 1Page - Tyco Electronics 1367703-1 Datasheet HTML 2Page - Tyco Electronics 1367703-1 Datasheet HTML 3Page - Tyco Electronics 1367703-1 Datasheet HTML 4Page - Tyco Electronics 1367703-1 Datasheet HTML 5Page - Tyco Electronics 1367703-1 Datasheet HTML 6Page - Tyco Electronics 1367703-1 Datasheet HTML 7Page - Tyco Electronics 1367703-1 Datasheet HTML 8Page - Tyco Electronics 1367703-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Introduction
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Solutions For
AdvancedTCA
Hardware designers,
particularly those working
on blades or chassis, are
currently faced with huge
challenges. The needs of
the communications net-
work infrastructure and next
generation communication
applications are rapidly
changing, and cannot be
served by existing propri-
etary solutions.
Therefore AdvancedTCA
(Advanced Telecommuni-
cations Computing
Architecture), MicroTCA
(Micro Telecommunications
Computing Architecture) and
AdvancedMC (Advanced
Mezzanine Card) open
industry standards have
been developed by PICMG
to place a high priority on
cost effectiveness while
attempting to support a
variety of potential future
technologies.
This new standard is
also supported by
Tyco Electronics, which
shows the full range of
AdvancedTCA, MicroTCA
and AdvancedMC compliant
components that can be
offered for the wide area of
applications within telecom-
munication as well as data
communication.
Why are AdvancedTCA
and MicroTCA Standards
Important?
AdvancedTCA and
MicroTCA provide a means
for the telecommunications
equipment market to take
advantage of standardized,
off-the-shelf hardware
(enabling differentiation
through application-layer
and system-level software
rather than hardware).
Shorter time to market
Increased vendor choice
Increased flexibility
Multiple switch fabrics
supported
User defined I/O
Lower cost
(Acquisition CapEx/OpEx)
Examples of Telecom
& Network Equipment
Manufacturers’ Related
AdvancedTCA and
MicroTCA Applications &
Systems
Wireless Infrastructure
Equipment
Base Stations
3G (IMT-2000)
WCDMA
CDMA2000
TD-SCDMA
Radio Network Controllers
(RNC)
Serving Gateway Support
Node (SGSN)
Gateway GPRS Support
Node (GGSN)
Home Location Register
(HLR)
IP Multimedia Subsystem
(IMS) Servers
Media and Application
Servers
Media Gateways and Soft
Switches
Wireline Networking
Equipment
DSLAMs
Multi-service switches
Media servers
Blade servers
VOIP Session Controllers
Fiber Optic Networking
Equipment
Need more information?
Call Technical Support at the
numbers listed below.
Technical Support is staffed
with specialists well versed in
all Tyco Electronics products.
They can provide you with :
I
Technical Support
I
Catalogs
I
Technical Documents
I
Product Samples
I
Tyco Electronics
Authorized Distributor
Locations


Similar Part No. - 1367703-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1367703-1 MACOM-1367703-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 1367703-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888654-2 MACOM-1888654-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com