Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4011B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCD4011B
Description  QUAD 2-INPUT NAND BUFFERED B SERIES GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4011B Datasheet(HTML) 3 Page - Unisonic Technologies

  UCD4011B Datasheet HTML 1Page - Unisonic Technologies UCD4011B Datasheet HTML 2Page - Unisonic Technologies UCD4011B Datasheet HTML 3Page - Unisonic Technologies UCD4011B Datasheet HTML 4Page - Unisonic Technologies UCD4011B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCD4011B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-517.d
ABSOLUTE MAXIMUM RATING(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ 18
V
Input Voltage
V(nA,nB)
-0.5 ~ VDD +0.5
V
Output Voltage
V(nY)
-0.5 ~ VDD +0.5
V
Storage Temperature
TSTG
-65 ~ + 150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Operating Temprature
TOP
-55 ~ 125
°С
ELECTRICAL CHARACTERISTICS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VDD= 5V, VO=0.5V
3.5
3
V
VDD= 10V, VO=1.0V
7.0
6
VDD= 15V, VO=1.5V
11.0
9
Low-Level Input Voltage
VIL
VDD= 5V, VO=4.5V
2
1.5
V
VDD= 10V, VO=9.0V
4
3.0
VDD= 15V, VO=13.5V
6
4.0
High-Level Output Voltage
VOH
VDD= 5V, │I0│<1μA
4.95
5
V
VDD= 10V, │I0│<1μA
9.95
10
VDD= 15V, │I0│<1μA
14.95
15
Low-Level Output Voltage
VOL
VDD= 5V, │I0│<1μA
0
0.05
V
VDD= 10V, │I0│<1μA
0
0.05
VDD= 15V, │I0│<1μA
0
0.05
High-Level Output Current
(NOTE)
IOH
VDD= 5V, VO=4.6V
-0.51
-0.88
mA
VDD= 10V, VO=9.5V
-1.3
-2.25
VDD= 15V, VO=13.5V
-3.4
-8.8
Low-Level Output Current
(NOTE)
IOL
VDD= 5V, VO=0.4V
0.51
0.88
VDD= 10V, VO=0.5V
1.3
2.25
VDD= 15V, VO=1.5V
3.4
8.8
Input Leakage Current
II(LEAK)
VDD= 15V ,VIN = VDD or GND
0.1
µA
Quiescent Supply Current
IQ
VDD= 5V, VIN = VDD or VSS, IOUT = 0
0.004
0.25
µA
VDD= 10V, VIN = VDD or VSS, IOUT = 0
0.005
0.5
VDD= 15V, VIN = VDD or VSS, IOUT = 0
0.006
1.0
Note: IOL and IOH are tested one output at a time


Similar Part No. - UCD4011B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4011BG-S14-R UTC-UCD4011BG-S14-R Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4011BL-S14-R UTC-UCD4011BL-S14-R Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results

Similar Description - UCD4011B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
   Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Unisonic Technologies
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
National Semiconductor ...
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
   Quad 2-Input NOR(NAND) Buffered B Series Gate
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
   Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com