Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4002BL-S14-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4002BL-S14-T
Description  CMOS NOR Gates High-Voltage Types
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4002BL-S14-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4002BL-S14-T Datasheet HTML 1Page - Unisonic Technologies UCD4002BL-S14-T Datasheet HTML 2Page - Unisonic Technologies UCD4002BL-S14-T Datasheet HTML 3Page - Unisonic Technologies UCD4002BL-S14-T Datasheet HTML 4Page - Unisonic Technologies UCD4002BL-S14-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCD4002B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-873.b
SWITCHING CHARACTERISTICS
(TA =25°C, Input tr, tf =20ns, CL =50pf, RL = 200kΩ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay from
Input(A or B) to Output(Y)
tPLH
VDD=5V
125
250
ns
VDD=10V
60
120
VDD=15V
45
90
tPHL
VDD=5V
125
250
VDD=10V
60
120
VDD=15V
45
90
Transition Time
tTLH/tTHL
VDD=5V
100
200
ns
VDD=10V
50
100
VDD=15V
40
80
OPERATING CHARACTERISTICS(TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Average Input Capacitance
CIN
Any Input
5
7.5
pF


Similar Part No. - UCD4002BL-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002BL-S14-T UTC-UCD4002BL-S14-T Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
More results

Similar Description - UCD4002BL-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B_15 Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Texas Instruments
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com