Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1934021-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1934021-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934021-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1934021-1 Datasheet HTML 7Page - Tyco Electronics 1934021-1 Datasheet HTML 8Page - Tyco Electronics 1934021-1 Datasheet HTML 9Page - Tyco Electronics 1934021-1 Datasheet HTML 10Page - Tyco Electronics 1934021-1 Datasheet HTML 11Page - Tyco Electronics 1934021-1 Datasheet HTML 12Page - Tyco Electronics 1934021-1 Datasheet HTML 13Page - Tyco Electronics 1934021-1 Datasheet HTML 14Page - Tyco Electronics 1934021-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
The Co-Planar Universal Power Module
(UPM) is specifically designed to meet the
need of connecting two printed circuit
boards on the same plane. The UPM con-
nector features hot-pluggable, 16 Amp
power industry proven contacts and have
three sequencing levels.
Co-Planar UPM for AdvancedTCA Zone 3 Power Applications
Right Angle Receptacle
FEATURES
Hot-Pluggable contact design
16 Amp per contact (on 4-position)
250 cycle durability
Touch-safe receptacle
No. of
Right-Angle
Circuit
High Power 16 Amps/
Positions
Contact Part Numbers
3
120943-1
4
120943-2
5
120943-3
6
120943-4
7
120943-5
8
120943-6
9
120943-7
Right Angle Plug
Number of
Dimension
High Power 16 Amps/
Part Number
Positions
L
Contact Sequence* Pattern
12.00
M,M,M
5-5223961-1
3
.472
M,L,M
5-5223963-1
**
**
15.00
L,L,L,L
120954-1
4
.591
L,M,S,S
120954-2
**
**
18.00
L,L,L,L,L
120955-1
5
.709
M,M,L,M,M
120955-2
**
**
21.00
L,L,L,L,L,L
120956-1
6
.827
L,M,S,S,S,S
120956-2
**
**
7
24.00
L,L,L,L,L,L,L
120957-1
.945
L,S,S,L,S,S,L
120957-2
8
27.00
L,L,L,L,L,L,L,L
120958-1
1.063
L,M,S,S,S,S,S,S
120958-2
*Sequencing Reads left-to-right along mating face.
L (long) = 10.90 [.429], M (medium) = 9.30 [.366], S [short] = 7.68 [.302]
**Other sequence patterns available. See on-line customer drawing.
Note: Part Numbers are RoHS compliant.


Similar Part No. - 1934021-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1934021-1 MACOM-1934021-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 1934021-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com