Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6T-2102 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A6T-2102
Description  DIP Switch with Slide Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6T-2102 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A6T-2102 Datasheet HTML 1Page - Omron Electronics LLC A6T-2102 Datasheet HTML 2Page - Omron Electronics LLC A6T-2102 Datasheet HTML 3Page - Omron Electronics LLC A6T-2102 Datasheet HTML 4Page - Omron Electronics LLC A6T-2102 Datasheet HTML 5Page - Omron Electronics LLC A6T-2102 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DIP Switch
A6T/A6S
1193
Installation
I Internal Connections (Top View)
Precautions
I Circuit Design
Use the DIP Switch within the rated voltage and current ranges,
otherwise the DIP Switch may have a shortened life expectancy, radi-
ate heat, or burn out.
I Mounting
Do not operate the DIP Switch while mounting, soldering, or washing
the DIP Switch, otherwise the DIP Switch may deform due to the
heat of the solder, the DIP Switch may malfunction due to the pene-
tration of the washing agent, or the machine incorporating the DIP
Switch may operate or be set incorrectly.
An automatic insertion machine incorporating a body stopper is avail-
able for mounting the DIP Switch. When using an automatic insertion
machine incorporating a half-lead stopper to mount the DIP Switch,
make sure that the automatic insertion machine will not deform the
terminals of the DIP Switch, otherwise the improper insertion of the
DIP Switch may result.
I Soldering
Observe the following conditions when soldering the DIP Switch.
Automatic Soldering Bath
Reflow Soldering
Manual Soldering
Set the pins of the DIP Switch to OFF before soldering the DIP
Switch.
Before soldering the DIP Switch on a PCB, make sure that there is
no unnecessary space between the DIP Switch and PCB.
Before soldering the DIP Switch on a multilayer PCB, make sure that
the DIP Switch will not be deformed by the soldering heat on the pat-
tern or land of the multilayer PCB.
Do not solder the DIP Switch more than twice including rectification
soldering. An interval of five minutes is required between the first and
second solderings.
Make sure that there is no flux rise on the surface of the PCB.
Soldering temperature:
350°C at the tip of the soldering iron
Soldering time:
3 s max. for a 1.6-mm thick, single-side
PCB
Soldering temperature:
350°C at the tip of the soldering iron
Soldering time:
3 s max. for a 1.6-mm thick, single-side
PCB


Similar Part No. - A6T-2102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6T-2102 OMRON-A6T-2102 Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
More results

Similar Description - A6T-2102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6TN OMRON-A6TN Datasheet
242Kb / 2P
   Slide DIP Switch
logo
DB Lectro Inc
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
logo
Omron Electronics LLC
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6SN OMRON-A6SN Datasheet
281Kb / 3P
   Slide DIP Switch (SMT)
A6HF OMRON-A6HF Datasheet
230Kb / 2P
   Slide DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com