Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-521384-4 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 4-521384-4
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-521384-4 Datasheet(HTML) 5 Page - Tyco Electronics

  4-521384-4 Datasheet HTML 1Page - Tyco Electronics 4-521384-4 Datasheet HTML 2Page - Tyco Electronics 4-521384-4 Datasheet HTML 3Page - Tyco Electronics 4-521384-4 Datasheet HTML 4Page - Tyco Electronics 4-521384-4 Datasheet HTML 5Page - Tyco Electronics 4-521384-4 Datasheet HTML 6Page - Tyco Electronics 4-521384-4 Datasheet HTML 7Page - Tyco Electronics 4-521384-4 Datasheet HTML 8Page - Tyco Electronics 4-521384-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
47
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
A
B
Type
Board
Dimensions
Material
Terminal
Thickness
TL
E
H
and Finish
Part No.
A
.062
.545
.250
Tin Plated Brass
X
X
61907-11
1.57
13.84
6.35
B
.062
.250
.332
.250
.303
Pre-Tin Brass
X
X
62221-12
1.57
6.35
8.43
6.35
7.70
1
Loose piece only.
2
Insertion equipment available.
Tab
Board
Dimensions
Material
Terminal Part No.
Thickness
Hole Size
LM
H
and Finish
Strip2
Loose Piece
.032
.053-.057
.487
.362
.280
Tin Plated
X
X
63525-11
1217057-11
0.81
1.35-1.45
12.37
9.19
7.11
Brass
.487
.362
.285
Tin Plated
..
X
X
63603-1
1217131-1
.020
.050-.054
12.37
9.19
7.24
Brass
0.51
1.27-1.37
.440
.315
.312
Tin Plated
X
X
63838-1
11.18
8.00
7.92
Brass
1
Dimple.
2
Insertion equipment available.
187 Series
Printed Circuit Board Tabs
Stock Thickness — .020 [0.51]
.187
[4.75]
.187
[4.75]
R
R
R
R
.200
[5.08]
.125
[3.18]
.045
[1.14]
.250
[6.35]
Note: All part numbers are RoHS compliant.
.200
[5.08]
.150
[3.81]
Hole
E
L
M
.312
[7.92]
Tab
Dimensions
Material
Terminal Part No.
Thickness
LE
M
and Finish
Strip3
Loose Piece
.490
.250
.340
Tin Plated Brass
X
X
63860-11
12.45
6.35
8.64
X
X
1217133-1
.510
.250
.370
Tin Plated Brass
X
X
1742361-1
.032
12.95
6.35
9.40
0.81
.710
.470
.560
Tin Plated Brass
X
X
1217124-1
18.03
11.94
14.22
.635
.395
.485
Tin Plated Brass
X
X
1217332-12
16.13
10.03
12.32
.490
.250
.340
Tin Plated Brass
X
X
63823-1
63892-1
.020
12.45
6.35
8.64
0.51
.510
.250
.370
Tin Plated Brass
X
X
1742362-1
12.95
6.35
9.40
1
Dimple.
2
No hole or dimple.
3
Insertion equipment available.
R
R
M


Similar Part No. - 4-521384-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-521384-4 ETC2-4-521384-4 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
More results

Similar Description - 4-521384-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com