Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-521384-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-521384-4
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-521384-4 Datasheet(HTML) 1 Page - Tyco Electronics

  1-521384-4 Datasheet HTML 1Page - Tyco Electronics 1-521384-4 Datasheet HTML 2Page - Tyco Electronics 1-521384-4 Datasheet HTML 3Page - Tyco Electronics 1-521384-4 Datasheet HTML 4Page - Tyco Electronics 1-521384-4 Datasheet HTML 5Page - Tyco Electronics 1-521384-4 Datasheet HTML 6Page - Tyco Electronics 1-521384-4 Datasheet HTML 7Page - Tyco Electronics 1-521384-4 Datasheet HTML 8Page - Tyco Electronics 1-521384-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
43
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
FASTON Printed Circuit Board Tabs and Receptacles
Product Facts
Full line of PCB tabs and
receptacles
Straight and right-angle
tabs available in .250,
.187 and .110 series
Receptacles produced in
.250/.205 x .032 or .025.
Standard or low insertion
force receptacles available
Strip product for automatic
insertion
Compatible with industry
insertion equipment or full
line of equipment available
from TE
TE now offers a complete
line of printed circuit board
tabs and receptacles. TE
PCB product can be found
in switches and on control
boards around the world.
Our product offering
includes .250, .187 and
.110 series vertical tabs,
.250 and .187 right-angle
tabs and .250/.205 vertical
receptacles. Product is
available in loose piece and
strip form. In a short time,
our product offering has
grown from a handful of part
numbers to dozens of parts.
We continue to add to our
product family as design
changes, innovation and
customers‘ requirements
expand.
Insertion equipment is
available for our entire strip
product line. TE currently
has an entry level semi-
automatic, air-powered
bench machine under
development for customers
with moderate insertion
requirements. The compact,
fully automatic AccuSerter 2
machine is available for
applications where larger
volumes will be inserted
and where programmable,
microprocessor controlled
equipment is desired.
TE also offers the P300 and
P350 series machines for
even higher automation.
Capabilities include: servo
drive, force monitoring, up
to three heads. This
machine is available in
stand-alone or
in-line configurations.
The TE product has been
designed to be compatible
with industry insertion
equipment. In many cases,
this product will work as a
“drop in” replacement for
existing product. In some
cases, slight modifications
or minor tooling changes are
necessary. Please consult
technical support or the
global application tooling
group for more details.
TE is one of the only
companies that offers
printed circuit board tabs
and receptacles as
well as the crimp to wire
receptacles and tabs that
offer a complete solution for
your packaging needs.


Similar Part No. - 1-521384-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-521384-4 ETC2-1-521384-4 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
More results

Similar Description - 1-521384-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com