Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27260704 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 27260704
Description  PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27260704 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  27260704 Datasheet HTML 1Page - PHOENIX CONTACT 27260704 Datasheet HTML 2Page - PHOENIX CONTACT 27260704 Datasheet HTML 3Page - PHOENIX CONTACT 27260704 Datasheet HTML 4Page - PHOENIX CONTACT 27260704 Datasheet HTML 5Page - PHOENIX CONTACT 27260704 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/us/products/1932591
12/24/13   Page 6 / 6
PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
Drilling diagram
5,6
3,8
15
a
1,6
+0,1
Diagram
100
120
80
60
40
20
0
100
250
150
200
50
0
1
2
=25mm
=35mm
2
2
2
1
Ambienttemperature[°C]
Type: MKDSP 25/...-15,00
Tested in accordance with DIN EN 60512-5-2:2003-01
Reduction factor = 1
No. of positions: 5
Dimensioned drawing
5,6
a
3,8
12,5
31
a+15
15,4
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 27260704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27260704 PHOENIX-27260704 Datasheet
80Kb / 4P
   Base strip - IPC 5/ 4-GFU-7,62
27260704 PHOENIX-27260704 Datasheet
59Kb / 4P
   Printed-circuit board connector - MVSTBR 2,5/18-ST GY
27260704 PHOENIX-27260704 Datasheet
68Kb / 3P
   Printed-circuit board connector - FKC 2,5/ 9-STF-5,08EX
27260704 PHOENIX-27260704 Datasheet
77Kb / 4P
   Base strip - GIC 2,5 HC/ 8-G-7,62
27260704 PHOENIX-27260704 Datasheet
60Kb / 3P
   Base strip - MSTB 2,5/19-G-5,08
More results

Similar Description - 27260704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728811 PHOENIX-1728811 Datasheet
46Kb / 3P
   PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ
1932614 PHOENIX-1932614 Datasheet
172Kb / 12P
   PCB terminal block - MKDSP 25/ 5-15,00
09/12/2020
1932627 PHOENIX-1932627 Datasheet
551Kb / 17P
   PCB terminal block - MKDSP 25/ 6-15,00
Jan 10, 2023
1728714 PHOENIX-1728714 Datasheet
46Kb / 3P
   PCB terminal block - MKDSP 25/ 5-15,00 BD:NZ
1932504 PHOENIX-1932504 Datasheet
85Kb / 5P
   PCB terminal block - MKDSP 25/ 3-15.00-F
1714036 PHOENIX-1714036 Datasheet
89Kb / 7P
   PCB terminal block - MKDSP 3/ 3
1932588 PHOENIX-1932588 Datasheet
94Kb / 6P
   PCB terminal block - MKDSP 25/ 2-15.00
1932601 PHOENIX-1932601 Datasheet
94Kb / 6P
   PCB terminal block - MKDSP 25/ 4-15.00
1730023 PHOENIX-1730023 Datasheet
126Kb / 6P
   PCB terminal block - MKDSP 1,5/ 3
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
   PCB terminal block - MKDSP 3/ 3-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com