Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13007-P Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13007-P
Description  NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13007-P Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13007-P Datasheet HTML 1Page - Unisonic Technologies MJE13007-P Datasheet HTML 2Page - Unisonic Technologies MJE13007-P Datasheet HTML 3Page - Unisonic Technologies MJE13007-P Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13007-P
Preliminary
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R203-047.a
NPN BIPOLAR POWER
TRANSISTOR FOR SWITCHING
POWER SUPPLY
APPLICATIONS
DESCRIPTION
The UTC MJE13007-P is designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical. It is
particularly suited for 115 and 220 V switch mode applications.
FEATURES
* VCEO(SUS) 400V
* 700V Blocking Capability
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MJE13007L-P-TA3-T
MJE13007G-P-TA3-T
TO-220
B
C
E
Tube
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
(1)T: Tube
(2) TA3: TO-220
(3) L: Lead Free, G: Halogen Free
MJE13007L-P-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - MJE13007-P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
More results

Similar Description - MJE13007-P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13007 UTC-MJE13007 Datasheet
170Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE18004G ONSEMI-MJE18004G Datasheet
230Kb / 11P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 9
logo
Unisonic Technologies
MJE13007-Q UTC-MJE13007-Q Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007 UTC-MJE13007_10 Datasheet
316Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
MJE13007-M UTC-MJE13007-M Datasheet
357Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007G ONSEMI-MJE13007G Datasheet
200Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 6
MJE18008G ONSEMI-MJE18008G Datasheet
234Kb / 10P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
April, 2010 ??Rev. 7
logo
Unisonic Technologies
MJE13007 UTC-MJE13007_13 Datasheet
385Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
129Kb / 12P
   NPN Bipolar Power Transistor For Switching Power Supply Applications
May, 2001 ??Rev. 3
logo
Unisonic Technologies
MJE13007D UTC-MJE13007D Datasheet
374Kb / 6P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com