Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39121409 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 39121409
Description  Electronic housing - PC 5/ 9-GFU-7,62 - 1721083
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121409 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  39121409 Datasheet HTML 1Page - PHOENIX CONTACT 39121409 Datasheet HTML 2Page - PHOENIX CONTACT 39121409 Datasheet HTML 3Page - PHOENIX CONTACT 39121409 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1721083
12/30/13   Page 2 / 4
Electronic housing - PC 5/ 9-GFU-7,62 - 1721083
Technical data
General
Range of articles
PC 5/..-GFU
Insulating material group
IIIa
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
630 V
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
41 A
Maximum load current
41 A
Insulating material
PBT
Inflammability class according to UL 94
V0
Color
green
Number of positions
9
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409


Similar Part No. - 39121409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121409 PHOENIX-39121409 Datasheet
59Kb / 4P
   Printed-circuit board connector - MCVW 1,5/ 6-ST-3,81 BK
39121409 PHOENIX-39121409 Datasheet
114Kb / 7P
   Printed-circuit board connector - FK-MCP 1,5/ 2-ST-3,81-LR
39121409 PHOENIX-39121409 Datasheet
55Kb / 4P
   Printed-circuit board connector - SMSTB 2,5/24-ST-5,08BKBD25-48
39121409 PHOENIX-39121409 Datasheet
97Kb / 4P
   Printed-circuit board connector - CCVA 2,5/13-G-5,08 P26THR
39121409 PHOENIX-39121409 Datasheet
58Kb / 4P
   Printed-circuit board connector - FK-MCP 1,5/16-ST-3,81BD16-1BSO
More results

Similar Description - 39121409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1721041 PHOENIX-1721041 Datasheet
74Kb / 4P
   Electronic housing - PC 5/ 5-GFU-7,62
1721054 PHOENIX-1721054 Datasheet
86Kb / 4P
   Electronic housing - PC 5/ 6-GFU-7,62
1721096 PHOENIX-1721096 Datasheet
86Kb / 4P
   Electronic housing - PC 5/10-GFU-7,62
1721012 PHOENIX-1721012 Datasheet
86Kb / 4P
   Electronic housing - PC 5/ 2-GFU-7,62
1721119 PHOENIX-1721119 Datasheet
86Kb / 4P
   Electronic housing - PC 5/12-GFU-7,62
1721070 PHOENIX-1721070 Datasheet
86Kb / 4P
   Electronic housing - PC 5/ 8-GFU-7,62
1721106 PHOENIX-1721106 Datasheet
72Kb / 4P
   Electronic housing - PC 5/11-GFU-7,62
1720534 PHOENIX-1720534 Datasheet
73Kb / 4P
   Electronic housing - PC 5/ 9-G-7,62
1720864 PHOENIX-1720864 Datasheet
72Kb / 4P
   Electronic housing - PC 5/ 9-GF-7,62
1727980 PHOENIX-1727980 Datasheet
76Kb / 3P
   Printed-circuit board connector - DFK-PC 5/ 9-GFU-7,62
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com