Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3843BVD1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # UC3843BVD1
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3843BVD1 Datasheet(HTML) 4 Page - Motorola, Inc

  UC3843BVD1 Datasheet HTML 1Page - Motorola, Inc UC3843BVD1 Datasheet HTML 2Page - Motorola, Inc UC3843BVD1 Datasheet HTML 3Page - Motorola, Inc UC3843BVD1 Datasheet HTML 4Page - Motorola, Inc UC3843BVD1 Datasheet HTML 5Page - Motorola, Inc UC3843BVD1 Datasheet HTML 6Page - Motorola, Inc UC3843BVD1 Datasheet HTML 7Page - Motorola, Inc UC3843BVD1 Datasheet HTML 8Page - Motorola, Inc UC3843BVD1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC3842B, 43B UC2842B, 43B
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 10 k, CT = 3.3 nF, for typical values TA = 25°C, for min/max values TA
is the operating ambient temperature range that applies [Note 3], unless otherwise noted.)
UC284XB
UC384XB, BV
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
PWM SECTION
Duty Cycle
Maximum (UC284XB, UC384XB)
Maximum (UC384XBV)
Minimum
DC(max)
DC(min)
94
96
0
94
93
96
96
0
%
TOTAL DEVICE
Power Supply Current
Startup (VCC = 6.5 V for UCX843B,
Startup (VCC 14 V for UCX842B, BV)
Operating (Note 2)
ICC + IC
0.3
12
0.5
17
0.3
12
0.5
17
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
30
36
V
NOTES: 2. Adjust VCC above the Startup threshold before setting to 15 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for UC3842B, UC3843B
Thigh = +70°C for UC3842B, UC3843B
Tlow = –25°C for UC2842B, UC2843B
Thigh = +85°C for UC2842B, UC2843B
Tlow = –40°C for UC3842BV, UC3843BV
Thigh = +105°C for UC3842BV, UC3843BV
0.8
2.0
5.0
8.0
20
50
80
1.0 M
500 k
200 k
100 k
50 k
20 k
10 k
fOSC, OSCILLATOR FREQUENCY (kHz)
VCC = 15 V
TA = 25°C
Figure 1. Timing Resistor
versus Oscillator Frequency
Figure 2. Output Deadtime
versus Oscillator Frequency
1.0 M
500 k
200 k
100 k
50 k
20 k
10 k
fOSC, OSCILLATOR FREQUENCY (kHz)
1.0
2.0
5.0
10
20
50
100
1
2
Figure 3. Oscillator Discharge Current
versus Temperature
Figure 4. Maximum Output Duty Cycle
versus Timing Resistor
7.0
–55
TA, AMBIENT TEMPERATURE (°C)
– 25
0
25
50
75
100
125
7.5
8.0
8.5
9.0
VCC = 15 V
VOSC = 2.0 V
40
0.8
RT, TIMING RESISTOR (kΩ)
1.0
2.0
3.0
4.0
5.0 6.0 7.0 8.0
50
60
70
80
90
100
Idischg = 7.5 mA
VCC = 15 V
CT = 3.3 nF
TA = 25°C
1. CT = 10 nF
2. CT = 5.0 nF
3. CT = 2.0 nF
4. CT = 1.0 nF
5. CT = 500 pF
6. CT = 200 pF
7. CT = 100 pF
5
Idischg = 8.8 mA
7
3
6
4
VCC = 15 V
TA = 25°C


Similar Part No. - UC3843BVD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3843BVD1 ONSEMI-UC3843BVD1 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
UC3843BVD1G ONSEMI-UC3843BVD1G Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
UC3843BVD1G ONSEMI-UC3843BVD1G Datasheet
414Kb / 22P
   High Performance Current Mode Controllers
September, 2013 ??Rev. 17
UC3843BVD1G ONSEMI-UC3843BVD1G Datasheet
743Kb / 25P
   High Performance Current Mode Controllers
August, 2021 - Rev. 18
UC3843BVD1R2 ONSEMI-UC3843BVD1R2 Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
More results

Similar Description - UC3843BVD1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com