Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13003DL-P-B-T92-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13003DL-P-B-T92-K
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003DL-P-B-T92-K Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13003DL-P-B-T92-K Datasheet HTML 1Page - Unisonic Technologies MJE13003DL-P-B-T92-K Datasheet HTML 2Page - Unisonic Technologies MJE13003DL-P-B-T92-K Datasheet HTML 3Page - Unisonic Technologies MJE13003DL-P-B-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJE13003D-P
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-085.c
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector- Emitter Voltage (VBE =0)
VCES
700
V
Collector-Emitter Voltage (IB =0)
VCEO
400
V
Emitter-Base Voltage (IC=0, IB=0.75A, tP<10μS)
VEBO
9
V
Collector Current
IC
1.5
A
Collector Peak Current (tP<5ms)
ICM
3
A
Base Current
IB
0.75
A
Base Peak Current (tP<5ms)
IBM
1.5
A
Power Dissipation
TA=25°C
PD
1.1
W
TC=25°C
1.5
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Emitter-Base Breakdown Voltage
BVEBO
IE =10mA, IC=0
9
18
V
Collector-Emitter Sustaining Voltage (Note)
VCEO(SUS)
IC=10mA, IB=0
450
V
Collector Cut-Off Current
ICES
VCE =700V,VBE =0
1
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=0.5 A, IB=0.1 A
0.5
V
IC=1 A, IB=0.25 A
1
V
IC=1.5 A, IB=0.5 A
3
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=0.5 A, IB=0.1 A
1
V
IC=1 A, IB=0.25 A
1.2
V
DC Current Gain
hFE1
IC=0.4A, VCE =5 V
14
57
hFE2
IC=1 A, VCE =5 V
5
30
Resistive Load
Rise Time
tR
VCC=125 V, IC=1 A,
IB1=0.2 A, IB2=-0.2 A
tP=25μs
1
μs
Storage Time
tS
4
μs
Fall Time
tF
0.7
μs
Inductive Load Storage Time
tS
IC=1 A, IB1=0.2 A,VBE =-5 V,
L=50mH, VCLAMP=300V
0.8
μs
Diode Forward Voltage
VF
IF=0.5 A
1.5
V
Note: Pulse Test: Pulse duration≤300μs, Duty cycle≤2 %
CLASSIFICATION OF hFE1
RANK
A
B
C
D
E
F
G
H
RANGE
14 ~ 22
21 ~ 27
26 ~ 32
31 ~ 37
36 ~ 42
41 ~ 47
46 ~ 52
51 ~ 57


Similar Part No. - MJE13003DL-P-B-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003DL-P-X-T92-B UTC-MJE13003DL-P-X-T92-B Datasheet
140Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
MJE13003DL-P-X-T92-K UTC-MJE13003DL-P-X-T92-K Datasheet
140Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - MJE13003DL-P-B-T92-K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com