Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF450 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # IRF450
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF450 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  IRF450 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.nellsemi.com
Page 3 of 7
Fig.1 Typical output characteristics,
T =25°C
C
Drain-Source voltage, V
(V)
DS
Gate-Source voltage, V
(V)
GS
Fig.4 Normalized On-Resistance vs. Temperature
Drain-Source voltage, V
(V)
DS
Fig.3 Typical output characteristics,
T =150°C
C
Fig.2 Typical transfer characteristics
■ TYPICAL CHARACTERISTICS
0
10
5
4
6
7
10
1
10
-60 -40 -20
0
20
40
60
80 100
1
10
0
10
0
10
1
10
8
9
0
10
1
10
0
10
1
10
120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Junction temperature, T (°C)
j
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
ORDERING INFORMATION SCHEME
MOSFET series
Current and Voltage rating, I & V
D
DS
14A / 500V
IRF
450
B
Package type
B = TO-3PB
N-Channel,IRF series
IRF450 Series
VGS
Top: 15V
8V
7V
6V
5.5V
5V
Bottorm: 4.5V
10V
Note:
1.
2. T
20µs Pulse Test
= 25
°C
C
4.5V
Note:
1. V
= 50V
DS
2. 20µs Pulse Test
25ºC
150ºC
VGS
Top: 15V
8V
7V
6V
5.5V
5V
Bottorm: 4.5V
10V
4.5V
Note:
1.
2. T
20µs Pulse Test
= 150
°C
C
I = 14A
D
V
= 10V
GS
C = TO-247AB


Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
More results

Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com