Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF13N50 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # IRF13N50
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF13N50 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRF13N50 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
Min.
0.50
0.5
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heatsink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
Typ.
Max.
ºC/W
62
Thermal resistance, junction to ambient
Rth(j-a)
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
UNIT
Max.
TEST CONDITIONS
PARAMETER
SYMBOL
Typ.
Min.
V
I
= 14A, V
= 0V
SD
GS
Diode forward voltage
VSD
1.5
Integral reverse P-N junction
diode in the MOSFET
Continuous source to drain current
Is(I )
SD
14
D (Drain)
G
(Gate)
S (Source)
A
Pulsed source current
ISM
56
I
= 14A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
Reverse recovery time
trr
ns
370
μC
Reverse recovery charge
Qrr
4.4
Note: 1. Pulse test: Pulse width ≤ 300μs, duty cycle ≤ 2%
.
tON
Forward turn-on time
550
6.5
Intrinsic turn-on time is negligible (turn-on is domonated by LS+LD)
www.nellsemi.com
Page 2 of 7
IRF13N50 Series
UNIT
V
ns
μA
pF
nC
31
Max.
8.1
250
500
-100
100
0.55
1910
11
15
39
39
290
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
V
= 0V, I = 250µA
GS
D
TEST CONDITIONS
I = 1mA, referenced to 25°C
D
V
=500V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
Gate to source charge
V
= 400V, V
= 10V, I = 14A
DS
GS
D
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
S
nA
T =125°C
C
Typ.
Min.
0.45
25
V
= 250V,
DD
(Note 1)
I = 14A, R = 7.5Ω,
D
G
V
= 10V,
GS
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= 30V, V
= 0V
GS
DS
V
= -30V, V
= 0V
GS
DS
V
=50V, I =8.4A
DS
D
Forward transconductance
Static drain to source on-state resistance
RDS(ON)
gfS
V
= 10V, l = 8.4A (Note 1)
GS
D
Gate to drain charge (Miller charge)
QGD
V
=400V, V
=0V
DS
GS
2
V
4
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
STATIC
DYNAMIC
81
20
36
Output capacitance
COSS
Effective output capacitance (Note 2)
C
eff.
OSS
V
= 0V
GS
2730
82
160
V
= 1.0V, f =1.0MHz
DS
V
= 400V, f =1.0MHz
DS
V
= 0 to 400V
DS
IRRM
Reverse recovery current
2. C
eff. is a fixed capacitance that gives the same charging time as Coss while V
is rising from 0 to 80% V
oss
DS
DS
21
31
A


Similar Part No. - IRF13N50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF130 SEME-LAB-IRF130 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF130 FAIRCHILD-IRF130 Datasheet
180Kb / 6P
   N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
More results

Similar Description - IRF13N50

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com