Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1217061-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1217061-1
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1217061-1 Datasheet(HTML) 6 Page - Tyco Electronics

  1217061-1 Datasheet HTML 1Page - Tyco Electronics 1217061-1 Datasheet HTML 2Page - Tyco Electronics 1217061-1 Datasheet HTML 3Page - Tyco Electronics 1217061-1 Datasheet HTML 4Page - Tyco Electronics 1217061-1 Datasheet HTML 5Page - Tyco Electronics 1217061-1 Datasheet HTML 6Page - Tyco Electronics 1217061-1 Datasheet HTML 7Page - Tyco Electronics 1217061-1 Datasheet HTML 8Page - Tyco Electronics 1217061-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
48
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
Stock
Board
Material and Finish
Terminal
Thickness
Hole Size
Part No.
.032
.053-.057
Tin Plated Brass
X
X
1217061-1.
0.81
1.35-1.45
1217756-11
.020
.050-.054
Tin Plated Brass
X
X
1217062-1.
0.51
1.27-1.37
1217156-11
1
Loose piece.
.575
[14.61]
.250
[6.35]
.122-.128
[3.10-3.25]
.200
[5.08]
.045-.050
[1.14-1.27]
.187
[4.75] .294
[7.47]
.150
[3.81]
.055
[1.40]
Hole
R
R
187 Series
Printed Circuit Board Tabs
(Continued)
Right-Angle Printed Circuit
Board Tabs
Tab Size
Material
UL 941
Color
Dimensions
Insulator
TW
Part No.
“187” Series
Nylon
V2
Natural
.320
.260
360041-1
.020 [0.51] Thick
8.13
6.60
“250” Series
Nylon
V2
Natural
.380
.320
360042-1
.032 [0.81] Thick
9.65
8.13
1
Flammability rating.
Tab Caps 187 and 250
Series
.155
[3.94]
.380
[9.62]
Note: All part numbers are RoHS compliant.


Similar Part No. - 1217061-1

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
121706 ADELS-121706 Datasheet
118Kb / 2P
   230 K/ 6 DS
logo
SICK AG
1217069 SICK-1217069 Datasheet
870Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1217061-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com