Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50N06 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 50N06
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

50N06 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  50N06 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
50N06 Series
UNIT
V
ns
μA
pF
nC
80
Max.
2.0
50
60
18
-100
100
0.07
900
80
40
100
90
430
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 250µA, V
= 0V
D
GS
TEST CONDITIONS
I = 250µA, referenced to 25°C
D
V
=60V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
9.6
Gate to source charge
Gate to drain charge (Miller charge)
30
V
= 48V, V
= 10V, I = 50A
DS
GS
D
(Note 1, 2)
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
QGD
V/ºC
V
nA
T =150°C
C
Typ.
Min.
22
4.0
1.0
1220
550
100
60
200
180
160
40
10
UNIT
V
nC
Max.
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I
= 50A, V
= 0V
SD
GS
TEST CONDITIONS
Integral reverse P-N junction
diode in the MOSFET
I = 50A, V
= 0V,
S
GS
dI /dt = 100A/µs
F
PARAMETER
Reverse recovery time
Pulsed source current
Continous source current
Diode forward voltage
SYMBOL
IS
VSD
ISM
trr
Reverse recovery charge
Qrr
A
ns
Typ.
Min.
200
55
80
D (Drain)
G
(Gate)
S (Source)
1.5
50
Note:
1. Pulse test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
2. Essentially independent of operating temperature.
V
= 30V, I = 25A, R =50Ω
DD
D
G
(Note 1, 2)
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= -20V, V
= 0V
GS
DS
V
= 20V, V
= 0V
GS
DS
Page 3 of 9
www.nellsemi.com
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
Static drain to source on-state resistance
RDS(ON)
VGS(TH)
I = 50A, V
= 10V
D
GS


Similar Part No. - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
   50A 60V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
50N06 VBSEMI-50N06 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 50N06

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com