Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8221051 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8221051
Description  PA 6 normal profile conduit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8221051 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8221051 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8221051 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8221051 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8221051 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
38
Temperature Range PA 6
-40 to 120°C (-40 to 248°F)
Conduit Gland SEM-FAST angled 90° / Quick-Mounting System for Polyflex PA 6 Conduit
Material:
• Polyamide 66
Technical properties:
• Easy and tight single hand mounting
• Insert tube in “closed” gland
• Special click- in system
• Conical sealing on the corrugated tube
• Thread side sealed by integral sealing ridges
• Gray available
• Conduit can be rotated
within the mounting gland
• Halogen free
Applications:
All fields using conduit
Mounting instructions:
Insert the conduit with a short twist all the way into the
end of the SEM conduit gland.
Pull the tube back slightly to latch it securely.
Thread
Fits
D
LA
B
C
Cat. No.
Std.
NW
mm
mm
mm
mm
mm
Black
Pk.
PG
PG 9
10
12.0
29.0
21.6
20.0
50.0
3805201
50
PG 11
12 + 13
12.0
34.0
25.5
25.0
54.6
3805207
50
PG 16
17
13.0
44.5
34.5
31.0
65.8
3805213
25
PG 21
23
13.0
51.5
42.5
38.0
74.1
3805219
20
PG 29
29
15.0
63.5
49.5
48.0
86.8
3805225
10
PG 36
37
17.0
74.5
59.0
56.0
104.8
3805231
10
PG 48
50
19.0
99.8
72.0
72.0
129.0
3805237
5
Metric
M 16 x 1.5
10
12.0
29.0
21.6
20.0
50.0
3805200
50
M 20 x 1.5
12 + 13
12.0
34.0
25.5
25.0
54.6
3805206
50
M 20 x 1.5
17
12.0
38.5
34.5
25.0
59.7
3805211
25
M 25 x 1.5
23
13.0
48.5
42.5
31.0
71.3
3805217
20
M 32 x 1.5
29
13.0
54.5
49.5
38.0
77.2
3805223
10
M 40 x 1.5
37
15.0
68.5
59.0
48.0
95.6
3805229
10
M 63 x 1.5
50
19.0
99.8
72.0
72.0
129.0
3805236
5
A
L
C
D
*With O-ring, see page 39. Locknuts sold separately, seep page 23.
*
Pending
LTSR_012010.QXD_LTSR_062006(b).QXD 12/20/12 1:42 PM Page 38


Similar Part No. - 8221051

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8221 BURKERT-8221 Datasheet
1Mb / 18P
   Conductivity sensor for hygienic applications
26.03.2024
logo
Ulti-Mate Connector Inc
822134120 ULTI-MATE-822134120 Datasheet
48Kb / 1P
   Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
04-11-16
822164120 ULTI-MATE-822164120 Datasheet
51Kb / 1P
   Nano Circular Wired 12 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
04-11-16
logo
Nuvotem Talema
82219 TALEMA-82219 Datasheet
40Kb / 1P
   E1/T1/ PRI/CEPT Dual SMD Transformer Modules
logo
ITT Industries
8221J80D9ABE ITT-8221J80D9ABE Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
More results

Similar Description - 8221051

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
   Conduit-to-Conduit Fitting
logo
PHOENIX CONTACT
3240499 PHOENIX-3240499 Datasheet
71Kb / 3P
   RVT-PA 6
May 9, 2011
logo
Glenair, Inc.
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
   Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
   Straight Conduit Fitting to PEEK Conduit
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
   Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
   Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
   Conduit Fitting
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
   Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
   Conduit Accessories
logo
Glenair, Inc.
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
   Conduit Fitting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com