Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13003G-E-A-T92-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MJE13003G-E-A-T92-K
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003G-E-A-T92-K Datasheet(HTML) 4 Page - Unisonic Technologies

  MJE13003G-E-A-T92-K Datasheet HTML 1Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 2Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 3Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 4Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 5Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 6Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 7Page - Unisonic Technologies MJE13003G-E-A-T92-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJE13003-E
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R223-009.A
APPLICATION INFORMATION
Table 1.Test Conditions for Dynamic Performance
Reverse Bias Safe Operating Area and Inductive Switching
Resistive
Switching
pw 5V
DUTY CYCLE? 10%
tr,tf? 10ns
68
1K
1N4933
0.02
µF
270
+5V
1K
1K
33
1N4933
33
+5V
RB
MJE210
IB
2N2222
2N2905
47
1/2W 100
MJE200
-VBE(off)
T.U.T.
VCC
MR826*
Vclamp
*SELECTEDFOR? 1KV
5.1K
51
VCE
L
IC
NOTE
PWand Vcc Adjusted for Desired Ic
RBAdjusted for Desired IB1
1N4933
0.001
µF
+125V
RB
D1
-4.0V
SCOPE
Rc
TUT
Coil Data :
GAP for 30 mH/2 A
VCC=20V
Ferroxcube core #6656
Lcoil=50mH
Vclamp=300V
Full Bobbin ( ~ 200 Turns) #20
VCC=125V
RC=125Ω
D1=1N5820 or
Equiv.
RB=47Ω
Output Waveforms
IC
IC(pk)
tf CLAMPED
t
tf
t1
VCE
TIME
t2
t
VCE or
Vclamp
OUTPUT WAVEFORMS
t1 Adjusted to
Obtain Ic
Test Equipment
Scope-Tektronics
475 or Equivalent
t1=
Lcoil(Icpk)
Vcc
t2=
Lcoil(Icpk)
Vclamp
+10.3V
25μS
0
-8.5V
tr,tf<10ns
Duty Cycly=1.0%
RB and Rc adjusted
for desired IB and Ic
Table 2. Typical Inductive Switching Performance
IC
(AMP)
TC
(°C)
TSV
(μs)
TRV
(μs)
TFI
(μs)
TTI
(μs)
TC
(μs)
0.5
25
100
1.3
1.6
0.23
0.26
0.30
0.30
0.35
0.40
0.30
0.36
1
25
100
1.5
1.7
0.10
0.13
0.14
0.26
0.05
0.06
0.16
0.29
1.5
25
100
1.8
3
0.07
0.08
0.10
0.22
0.05
0.08
0.16
0.28
Note: All Data Recorded in the inductive Switching Circuit Table 1
Fig 1. Inductive Switching Measurements


Similar Part No. - MJE13003G-E-A-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003G-E-A-T92-K UTC-MJE13003G-E-A-T92-K Datasheet
280Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - MJE13003G-E-A-T92-K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com