Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3805014 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3805014
Description  PA 6 normal profile conduit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3805014 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3805014 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3805014 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3805014 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3805014 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
39
L
ød
B
Fits for
Internal
Thickness
Cat. No.
Std. Pk.
NW
Diameter
mm
mm
7.5
5.0
1.5
8112800
50
8.5
7.0
1.2
8112801
50
10
7.0
1.5
8112802
50
12
9.0
1.5
8112804
50
13
8.0
1.6
8112803
50
17
14.0
1.8
8112807
50
22
14.0
2.0
8112808
25
23
18.0
2.0
8112809
25
29
20.0
2.5
8112810
20
37
24.0
2.5
8112811
10
50*
28.0
2.5
8112813
5
* NW50 parts require 2 o-rings (one in first and one in secon groove of corrugated tube).
Suitable for
B
H
h
Ld
Cat. No.
Std.
NW
mm
mm
mm
mm
mm
Pk.
7.5
20.0
18.0
12.0
20.0
4.2
8221050
100
10
20.0
23.0
15.5
20.0
5.5
8221051
100
12 + 13
22.0
26.0
17.1
20.0
5.5
8221052
50
14 + 16
28.0
33.0
21.1
20.0
6.5
8221053
50
17
28.0
33.0
21.4
20.0
6.5
8221054
50
23
35.0
40.0
24.8
20.0
6.5
8221055
50
29
43.0
45.0
26.8
20.0
6.5
8221056
50
37
54.0
53.0
30.8
20.0
6.5
8221057
20
50
68.0
66.0
37.8
20.0
6.5
8221058
20
O-Ring for Corrugated Tubes and Clamping Clips
Temperature Range
-30 to 120°C (-22 to 248°F)
Temperature Range
-40 to 105°C (-40 to 221°F)
Material:
• NBR 70
Characteristics:
• Shore: 70 ± 5
Features:
The O-ring must be mounted into
the first groove of the conduit
The conduit, with its pre-mounted
sealing ring, must be inserted into
the SEM gland and simply twisted
into the end.
Clamping clip for conduit tubes
Material:
• Polyamide
Color:
• Black
Technical Properties:
• Stackable
• Quick mounting of conduits
• Center rib for traction relief
LTSR_012010.QXD_LTSR_062006(b).QXD 12/20/12 1:42 PM Page 39


Similar Part No. - 3805014

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
38050-401 ENOCEAN-38050-401 Datasheet
448Kb / 3P
   Commissioning Tool
003-0525-01A rev 09/2022
logo
Extech Instruments Corp...
380500 EXTECH-380500 Datasheet
48Kb / 1P
   Inductance Decade Box
logo
Molex Electronics Ltd.
380502 MOLEX5-380502 Datasheet
136Kb / 2P
   6.35mm (.250") Pitch Beau??Eurostyle??Fixed Mount PCB Terminal Block, Modular, 2 Circuits
380502 MOLEX11-380502 Datasheet
38Kb / 1P
   6.35mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block
380503 MOLEX5-380503 Datasheet
136Kb / 2P
   6.35mm (.250") Pitch Beau??Eurostyle??Fixed Mount PCB Terminal Block, Modular, 3 Circuits
More results

Similar Description - 3805014

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
   Conduit-to-Conduit Fitting
logo
PHOENIX CONTACT
3240499 PHOENIX-3240499 Datasheet
71Kb / 3P
   RVT-PA 6
May 9, 2011
logo
Glenair, Inc.
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
   Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
   Straight Conduit Fitting to PEEK Conduit
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
   Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
   Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
   Conduit Fitting
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
   Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
   Conduit Accessories
logo
Glenair, Inc.
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
   Conduit Fitting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com