Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2611 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 2SK2611
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SK2611 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  2SK2611 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
2SK2611 Series
www.nellsemi.com
Page 1 of 6
N-Channel Power MOSFET
(9A, 900Volts)
PRODUCT SUMMARY
I (A)
D
9
V
(V)
DSS
900
1.10 @ V
= 10V
GS
58
R
(Ω)
DS(ON)
Q (nC) max.
G
UNIT
V /ns
V
W /°C
A
mJ
ºC
-55 to 150
VALUE
9
5.6
900
±30
27
900
150
3.5
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
T =25°C
C
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current(Note 1)
Continuous Drain Current (V
= 10V)
GS
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
Note:
1.Repetitive rating: pulse width limited by junction temperature.
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note 1)
9
T =25°C
C
2
. l
=9A, L=15.0mH, V
= 90V, R =25Ω, starting T =25°C.
AS
DD
G
J
663
Single pulse avalanche energy(Note 2)
EAS
3
.I
≤ 9A, di/dt ≤ 130A/µs, V
V
, starting T
.
SD
DD
(BR)DSS
J =25°C
1.2
Derating factor above 25
°C
mJ
15
Repetitive avalanche energy(Note 1)
EAR
l
=9A, R
=10V
AR
GS
=50Ω, V
GS
l
=9A, =15.0mH
AS
L
W
TO-3PB
G
D
S
D
D (Drain)
G
(Gate)
S (Source)
DESCRIPTION
Low reverse transfer capacitance
(C
= 45pF typical)
RSS
R
= 1.10Ω @ V
= 10V
DS(ON)
GS
Ultra low gate charge(58nC typical)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
They are designed for use in applications such as switched
mode power supplies, DC to DC converters, motor control
circuits, UPS, relay drive and general purpose switching
applications.
The Nell 2SK2611 is a three-terminal silicon device with
current conduction capability of 9A, fast switching speed,
low on-state resistance, breakdown voltage rating of 900V,
and max. threshold voltage of 4 volts.
TO-3PB


Similar Part No. - 2SK2611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2611 TOSHIBA-2SK2611 Datasheet
287Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2611 TOSHIBA-2SK2611 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611 Datasheet
421Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2611 TOSHIBA-2SK2611 Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
logo
Inchange Semiconductor ...
2SK2611 ISC-2SK2611 Datasheet
205Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - 2SK2611

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com