Electronic Components Datasheet Search |
|
8-147099-8 Datasheet(PDF) 15 Page - Tyco Electronics |
|
8-147099-8 Datasheet(HTML) 15 Page - Tyco Electronics |
15 / 98 page 195 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Receptacle Assemblies, Board Mount, Double-Row, Closed Entry, .100 x .100 [2.54 x 2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated as follows: Plating A — Duplex plated .000030 [0.00076] gold on contact area, .000050- .000100 [0.00127-0.00254] matte tin on solder area, with entire contact under- plated .000050 [0.00127] nickel Plating B — Duplex plated .000015 [0.00038] gold on contact area, .000050-.000100 [0.00127-0.00254] matte tin on solder area, with entire con- tact underplated .000050 [0.00127] nickel Related Product Data Mateable Headers — pages 198, 199 Performance Specifications — page 194 Technical Documents — page 276 Product Specification 108-25017 Application Specification 114-9009 Additional receptacle assembly sizes and solder tail lengths are available; minimum order quantities may apply. Consult Tyco Electronics. Receptacle Assembly Part Nos. Receptacle Assembly Part Nos. No. of Dimensions with .115 [2.92] Solder Tail Lengths with .145 [3.68] Solder Tail Lengths Pos. AB Standard Solder Tails Board Retention Tails Standard Solder Tails Plating A Plating B Plating A Plating B Plating A 12 .858 [21.79] .500 [12.70] 5-532956-1 5-532955-1 5-534204-2 5-534975-5 5-533009-1 14 .958 [24.33] .600 [15.24] — 7-532955-5 — — — 16 1.058 [26.87] .700 [17.78] 5-532956-2 — 6-534204-0 6-534975-5 — 20 1.258 [31.95] .900 [22.86] 5-532956-3 5-532955-3 5-534204-9 5-534975-6 — 24 1.458 [37.03] 1.100 [27.94] 5-532956-4 5-532955-4 6-534204-1 5-534975-7 — 30 1.758 [44.65] 1.400 [35.56] 5-532956-5 5-532955-5 5-534204-4 5-534975-8 5-533009-5 36 2.058 [52.27] 1.700 [43.18] 5-532956-6 5-532955-6 5-534204-3 5-534975-9 — 40 2.258 [57.35] 1.900 [48.26] 5-532956-7 5-532955-7 6-534204-2 6-534975-0 — 50 2.758 [70.05] 2.400 [60.96] 5-532956-8 5-532955-8 5-534204-1 6-534975-1 5-533009-8 60 3.258 [82.75] 2.900 [73.66] 5-532956-9 5-532955-9 5-534204-5 6-534975-2 5-533009-9 70 3.758 [95.45] 3.400 [86.36] 6-532956-0 6-532955-0 6-534204-3 6-534975-3 6-533009-0 72 3.858 [97.99] 3.500 [88.90] 6-532956-1 6-532955-1 6-534204-4 — — 80 4.258 [108.15] 3.900 [99.06] 6-532956-2 6-532955-2 5-534204-8 6-534975-4 6-533009-2 86 4.558 [115.77] 4.200 [106.68] 6-532956-3 6-532955-3 — — 6-533009-3 90 4.758 [120.85] 4.400 [111.76] 6-532956-4 6-532955-4 — — — 96 5.058 [128.47] 4.700 [119.38] 6-532956-5 6-532955-5 6-534204-5 — 6-533009-5 100 5.258 [133.55] 4.900 [124.46] 6-532956-6 6-532955-6 5-534204-6 5-534975-1 6-533009-6 110 5.758 [146.25] 5.400 [137.16] 6-532956-7 6-532955-7 6-534204-6 — — 120 6.258 [158.95] 5.900 [149.86] 6-532956-8 6-532955-8 5-534204-7 5-534975-2 6-533009-8 130 6.758 [171.65] 6.400 [162.56] 7-532956-0 7-532955-0 6-534204-7 — — 200 10.258 [260.55] 9.900 [251.46] 7-532956-3 7-532955-3 7-534204-0 5-534975-4 — Notes: 1. .115 [2.92] tail length is for use with .062 [1.57] PC boards; .145 [3.68] tail length is for use with .093 [2.36] PC boards. Notes: 2. Receptacle assemblies with low force contacts are available, consult Tyco Electronics. 3. .256 [6.50] minimum positive pin stop to prevent shorting between rows. .320 [8.13] .144 [3.66] Dia. (2 Plc.) .179 [4.55] Typ. .100 [2.54] .125 [3.17] (Localized Gold Plate Area) .256 [6.50] (See Note 3.) .115 [2.92] (See Note 2) .238 [6.05] C L C L .310±.010 [7.88±0.25] .065±.005 [1.65±0.13] to .100±.005 [2.54±0.13] .310±.002 [7.87±0.05] .035±.003 [0.89±0.08] Typ. Dia. (Finished Hole) .100±.003 [2.54±0.08] .069 [1.75] .115 or .145 [2.92 or 3.68] (See Note 1) .115 or .145 [2.92 or 3.68] (See Note 2) A B Standard Solder Tails Recommended PC Board Hole Layout (for .055 [1.40] min. thick PC board) Board Retention Tails Tolerances not to accumulate within one connector pattern. Material — Natural color nylon Keying Plug Min. .174 [4.42] (Point of Contact) Max. Part No. 86286-1 (Plugs into receptacle contact) Horizontal Mount (with Guide Pin Slots and Standoffs) |
Similar Part No. - 8-147099-8 |
|
Similar Description - 8-147099-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |