Electronic Components Datasheet Search |
|
8-147099-8 Datasheet(PDF) 92 Page - Tyco Electronics |
|
8-147099-8 Datasheet(HTML) 92 Page - Tyco Electronics |
92 / 98 page 272 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Application Tooling for Wire Crimp Contacts (Continued) AMPMODU Interconnection System 5 Tooling shown on this page is designed to terminate wire crimp contacts used in various AMPMODU wire-to- board connectors. Refer to page 88 to determine the applicable connectors. The AMPOMATOR System III is an automatic machine for the production of terminated wire leads. The machine combines state of the art technology to process single and double wire application utilizing the wire processing industry’s best and most friendly subsystems and accessories available to meet the latest market requirements for wire lead production. The new machine incorporates a servo-driven, software-controlled AMP-O-LECTRIC ST III terminator and the next generation System III Applicator. See catalog 1654956-5 for more information. Commercial grade hand tool for crimping various products. Features ratchet control to provide complete crimp cycle. Accepts both pinned- and shouldered- style die sets. Locators are provided with pinned-style die sets for proper contact and wire positioning, and to help minimize contact rota- tion and bending during crimping. Approximate weight 1.3 lb [0.60 kg]. Your quality program calls for more than a good crimping system. It demands proof - the proof you get with the SLE Crimp Force Monitor. It has high- resolution piezo-quartz sensor technology for a more precise identification of typical crimping faults. The monitor features Zone & Peak Force Analysis, 128x128 Dot Matrix, Force Trigger and Encoder Proximity Trigger, and Absolute Force Measurement for real-time monitoring of every crimp. The CFM can be used with bench or fully-automatic machines. Special applicators are not required. Sure, you can sample and test crimp height with a micrometer. In fact, that’s how you standardize your process. But for ongoing quality control, testing every crimp, SLE is the choice. It’s known worldwide, and meets our standards for a high performance terminating system. That’s how you can be sure. High quality crimping - with verification - means higher production and productivity. AMPOMATOR System III Leadmaker Crimp Force Monitor (CFM) Premium CERTI-CRIMP Straight Action Hand Tool (SAHT) Commercial PRO-CRIMPER III Hand Tool Tyco Electronics hand tools are ideal for small production and prototype applications. They feature ratchet control to help elimi- nate partial crimps, straight- line die closure, terminal locator and support, and insulation crimp adjustment. Tyco Electronics hand tools also can be adapted for use with pneumatic tooling assemblies, providing air operated crimping capabilities. For further details on Tyco Electronics straight action hand tools, request Tyco Electronics Catalog 65780. For more details on Tyco Electronics pneumatic tooling assemblies, call the Tyco Electronics Technical Support Center, 1-800-522-6752. |
Similar Part No. - 8-147099-8 |
|
Similar Description - 8-147099-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |