Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8-147099-8 Datasheet(PDF) 64 Page - Tyco Electronics

Part # 8-147099-8
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147099-8 Datasheet(HTML) 64 Page - Tyco Electronics

Back Button 8-147099-8 Datasheet HTML 60Page - Tyco Electronics 8-147099-8 Datasheet HTML 61Page - Tyco Electronics 8-147099-8 Datasheet HTML 62Page - Tyco Electronics 8-147099-8 Datasheet HTML 63Page - Tyco Electronics 8-147099-8 Datasheet HTML 64Page - Tyco Electronics 8-147099-8 Datasheet HTML 65Page - Tyco Electronics 8-147099-8 Datasheet HTML 66Page - Tyco Electronics 8-147099-8 Datasheet HTML 67Page - Tyco Electronics 8-147099-8 Datasheet HTML 68Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
244
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MTE Headers, Shrouded Polarized/Latching,
Single-Row .100 [2.54] Centerline
AMPMODU Interconnection System
5
.025 [0.64] Square
Straight Post (With or
Without Swaged Tail)
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Brass, plated as follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area, .000100
[0.00254] min. tin on solder area, with
entire post underplated .000050
[0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area, .000100
[0.00254] min. tin on solder area, with
entire post underplated .000050
[0.00127] nickel
Plating C — .000100 [0.00254] tin
over .000050 [0.00127] nickel on entire
post
Related Product Data
Mateable AMPMODU MTE
Products —
Receptacle Assemblies
(Polarized/Latching) —
pages 230, 231
Receptacle Assemblies with Guide
Ribs (installed in Single-Row
Coupling Shroud) —
pages 232, 233, 235, 240
Technical Documents
pages 277, 278
Product Specification
108-25034
Application Specification
114-25026
.060
[1.52]
.535
[13.59]
Position No. 1 Indicator
.120
[3.05]
.200
[5.08]
.130
[3.30]
.060
[1.52]
.100
[2.54]
.100
[2.54]
Typ.
.200
[5.08]
Ref.
(Contact Area)
.230
[5.84]
.350
[8.89]
*±.003 [±0.08]; tolerances not to accumulate within one connector pattern.
Note: Swaged retention tails are provided in a minimum of two locations per header.
Recommended PC Board Hole Layout
.035±.003
Dia. Typ.
[0.89±0.08]
or
.040±.003
Dia. Typ.
[1.02±0.08]
(for Retention Tails)
A
B
C
X
X
.275
[6.98]
.100*
[2.54]
Typ.
C
Swaged Retention Tail
(See Note)
Section X-X


Similar Part No. - 8-147099-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-8 MACOM-8-147099-8 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
More results

Similar Description - 8-147099-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com