Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-3400F Datasheet(PDF) 19 Page - Tyco Electronics

Part # D-3400F
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-3400F Datasheet(HTML) 19 Page - Tyco Electronics

Back Button D-3400F Datasheet HTML 14Page - Tyco Electronics D-3400F Datasheet HTML 15Page - Tyco Electronics D-3400F Datasheet HTML 16Page - Tyco Electronics D-3400F Datasheet HTML 17Page - Tyco Electronics D-3400F Datasheet HTML 18Page - Tyco Electronics D-3400F Datasheet HTML 19Page - Tyco Electronics D-3400F Datasheet HTML 20Page - Tyco Electronics D-3400F Datasheet HTML 21Page - Tyco Electronics D-3400F Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
52
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3100M — Modular Type
Appearance
Connectors can be used in modular configurations in combination with D-3100S.
Ideally Suited For Allocation of Signal Circuits
Board mounting pitch:
Horizontal Type 150x150mils (3.81x3.81mm) /
Vertical Type 150x300mils (3.81x7.62mm)
Dielectric Withstanding Voltage: 1,500V (for one minute)
Voltage Rating: 250 V
Receptacle Housing
(D-3100S = 1-row 3 positions) x2
Receptacle Housing
(D-3100S = 1-row 3 positions) x2
Board-mounting
Tab Header
Horizontal Type
(2-row 6 positions)
Board-mounting Tab Header
Vertical Type (2-row 6 positions)
Receptacle Housing
(2-row 6 positions)
Receptacle Housing
(2-row 6 positions)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
Note: Enter the following plating codes in -J after Part Numbers:
-2 = 0.38µm thick gold plating
-3 = 0.76µm thick gold plating
-5 = Tin plating
Receptacle Housing
1-178127-6
2-178127-6
3-178127-6
Horizontal Type
1-178137-J
2-178137-J
3-178137-J
Vertical Type
1-178141-J
3-178141-J
Board-mounting Tab Header
No. of
Pos.
Keying
6
XX
YY
XY
Part Number Chart


Similar Part No. - D-3400F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-3400F MACOM-D-3400F Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Similar Description - D-3400F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com