Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-3100S Datasheet(PDF) 5 Page - Tyco Electronics

Part No. D-3100S
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 5 page
background image
38
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3 Contact and
Application Tooling
Crimp Type
Receptacle Contact
(Used on Receptacle Housing)
Tab Contact
(Used on Tab Housing)
Hand Tools
1
Enter the following plating code in Part Number suffix-J :
-2 = 0.38µm thick gold plating
-3 = 0.76µm thick gold plating
-5 = Tin plating
Note: Solder-type Contact: We do not manufacture solder-type contacts for
this specific application.
* Strip Form contacts are for use with Mini-Applicators (automachines)
and Loose-Piece contacts are for Hand Tools.
** Mini-Applicators are for use with automachines. (See page 40. For Part
Numbers, contact Technical Support.)
Uses
Can it be used for repairing?
Approximately how many cycles of
crimping can be performed?
What is Minimum Order Quantity?
For General Production
Yes
50,000
1
28
0.08
26
0.12
24
0.20
24
0.20
22
0.30
20
0.50
20
0.50
18
0.85
16
1.25
16
1.25
14
2.20
16
1.25
14
2.20
0.8~1.2
1.0~1.4
1.2~1.6
1.7~2.6
1.8~2.8
2.2~2.8
2.2~2.8
3.1~3.3
3.3~3.4
AWG
mm2
Wire Range
Wire
Ins.
Diameter
S
M
L
2L
3L
ST.
LP.
ST.
LP.
ST.
LP.
ST.
LP.
ST.
LP.
175194-J
175216-J
175195-J
175217-J
175196-J
175218-J
917484-J
917511-J
353715-J
353717-J
Wire
Range
Mark
Contact Part Number1
Application Tooling Part Number
Hand Tool
Receptacle Contact
Standard contact
(Only-2 & -3
available)
1-175194-J
1-175216-J
1-175195-J
1-175217-J
1-175196-J
1-175218-J
1-917484-J
1-917511-J
1-353715-J
1-353717-J
High contact
(pressure -2, -3,
&-5 available)
175284-J
175287-J
175285-J
175288-J
175286-J
175289-J
917485-J
917512-J
353716-J
353718-J
Tab
Contact
Mini-
Applicator*
91565-1
91559-1
91558-1
91560-1
91561-1
**
**
**
**
**
Standard
Type
Standard Type




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl