Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8129 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8129
Description  5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8129 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8129 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8129 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The CS8129
function has hysteresis on both the
reset and delay comparators, a latching Delay capacitor
discharge circuit, and operates down to 1V.
The
circuit output is an open collector type with
ON and OFF parameters as specified. The
output
NPN transistor is controlled by the two circuits described
(see Block Diagram).
This circuit monitors output voltage, and when output
voltage is below the specified minimum causes the
output transistor to be in the ON (saturation)
state. When the output voltage is above the specified level,
this circuit permits the
output transistor to go into
the OFF state if allowed by the
Delay circuit.
This circuit provides a programmable (by external capaci-
tor) delay on the
output lead. The Delay lead pro-
vides source current to the external delay capacitor only
when the "Low Voltage Inhibit" circuit indicates that out-
put voltage is above VRT(ON). Otherwise, the Delay lead
sinks current to ground (used to discharge the delay
capacitor). The discharge current is latched ON when the
output voltage is below VRT(OFF). The Delay capacitor is
fully discharged anytime the output voltage falls out of
regulation, even for a short period of time. This feature
ensures a controlled
pulse is generated following
detection of an error condition. The circuit allows
the
output transistor to go to the OFF (open) state
only when the voltage on the Delay lead is higher than
VDC(HI).
The Delay time for the
function is calculated from
the formula:
Delay time =
Delay time = CDelay(µF) x 3.2 x 105
If CDelay=0.1µF, Delay time (ms)=32ms ± 50%: i.e. 16ms to
48ms. The tolerance of the capacitor must be taken into
account to calculate the total variation in the delay time.
CDelay x VDelay Threshold
ICharge
RESET
RESET
RESET
RESET
Reset Delay Circuit
RESET
RESET
RESET
Low Voltage Inhibit Circuit
RESET
RESET
RESET
5
(1)
(2)
(3)
(2)
Delay
VOUT
VRT(ON)
VRT(OFF)
VRH
VDC(HI)
VDC(LO)
VDH
tDelay
VDIS
VRL
RESET
(1) = No Delay Capacitor
(2) = With Delay Capacitor
(3) = Max:
Voltage (1.0V)
RESET
Circuit Waveform
RESET
Circuit Functional Description
RESET


Similar Part No. - CS8129

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129 ONSEMI-CS8129 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8129YDW16 ONSEMI-CS8129YDW16 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129YDW16G ONSEMI-CS8129YDW16G Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
CS8129YDWR16 ONSEMI-CS8129YDWR16 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
More results

Similar Description - CS8129

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
   5V, 750mA Linear Regulator with RESET
logo
ON Semiconductor
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
Toshiba Semiconductor
TA8004AS TOSHIBA-TA8004AS Datasheet
280Kb / 8P
   5V LOW DROPOUT REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
   Low-Dropout, 500mA Linear Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com