Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5557-05R2-210 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5557-05R2-210
Description  Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5557-05R2-210 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5557-05R2-210 Datasheet HTML 1Page - Molex Electronics Ltd. 5557-05R2-210 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Summary
TS-5556-002
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5557-05R2-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5557-05R2-210 MOLEX3-5557-05R2-210 Datasheet
124Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits
More results

Similar Description - 5557-05R2-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-4031 MOLEX11-39-01-4031 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 3
39-01-4041 MOLEX11-39-01-4041 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 4
50-36-1746 MOLEX11-50-36-1746 Datasheet
62Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 4
50-36-1672 MOLEX11-50-36-1672 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 6
39-01-4050 MOLEX11-39-01-4050 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-2, 5
50-36-1713 MOLEX11-50-36-1713 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 8
50-36-1667 MOLEX11-50-36-1667 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 24
39-01-3048 MOLEX11-39-01-3048 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 4
50-36-2293 MOLEX11-50-36-2293 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 14
50-30-4461 MOLEX11-50-30-4461 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com