Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4741A Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SMA4741A
Description  SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMA4741A Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SMA4741A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4741A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4741A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4741A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4741A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
2 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
Nominal Zener
Voltage
Maximum Zener Impedance
Maximum
Reverse Leakage
Current
Maximum
DC Zener
Current
Maximum
Surge
Current
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
IZK
IR @VR
IZM
IRM
Part Number
Marking
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
μA)
(V)
(mA)
(mApk)
SMA4728A
28A
3.3
76.0
10.0
400
1.00
100.0
1.0
274.0
1370
SMA4729A
29A
3.6
69.0
10.0
400
1.00
100.0
1.0
251.0
1255
SMA4730A
30A
3.9
64.0
9.0
400
1.00
50.0
1.0
232.0
1160
SMA4731A
31A
4.3
58.0
9.0
400
1.00
10.0
1.0
210.0
1050
SMA4732A
32A
4.7
53.0
8.0
500
1.00
10.0
1.0
192.0
960
SMA4733A
33A
5.1
49.0
7.0
550
1.00
10.0
1.0
177.0
885
SMA4734A
34A
5.6
45.0
5.0
600
1.00
10.0
2.0
161.0
805
SMA4735A
35A
6.2
41.0
2.0
700
1.00
10.0
3.0
146.0
730
SMA4736A
36A
6.8
37.0
3.5
700
1.00
5.0
4.0
133.0
660
SMA4737A
37A
7.5
34.0
4.0
700
0.50
5.0
5.0
121.0
605
SMA4738A
38A
8.2
31.0
4.5
700
0.50
5.0
6.0
110.0
550
SMA4739A
39A
9.1
28.0
5.0
700
0.50
0.5
7.0
100.0
500
SMA4740A
40A
10.0
25.0
7.0
700
0.25
0.5
7.6
91.0
454
SMA4741A
41A
11.0
23.0
8.0
700
0.25
0.1
8.4
83.0
414
SMA4742A
42A
12.0
21.0
9.0
700
0.25
0.1
9.1
76.0
380
SMA4743A
43A
13.0
19.0
10.0
700
0.25
0.1
9.9
69.0
344
SMA4744A
44A
15.0
17.0
14.0
700
0.25
0.1
11.4
61.0
305
SMA4745A
45A
16.0
15.5
16.0
700
0.25
0.1
12.2
57.0
285
SMA4746A
46A
18.0
14.0
20.0
750
0.25
0.1
13.7
50.0
250
SMA4747A
47A
20.0
12.5
22.0
750
0.25
0.1
15.2
45.0
225
SMA4748A
48A
22.0
11.5
23.0
750
0.25
0.1
16.7
41.0
205
SMA4749A
49A
24.0
10.5
25.0
750
0.25
0.1
18.2
38.0
190
SMA4750A
50A
27.0
9.5
35.0
750
0.25
0.1
20.6
34.0
170
SMA4751A
51A
30.0
8.5
40.0
1000
0.25
0.1
22.8
30.0
150
SMA4752A
52A
33.0
7.5
45.0
1000
0.25
0.1
25.1
27.0
135
SMA4753A
53A
36.0
7.0
50.0
1000
0.25
0.1
27.4
25.0
125
SMA4754A
54A
39.0
6.5
60.0
1000
0.25
0.1
29.7
23.0
115
SMA4755A
55A
43.0
6.0
70.0
1500
0.25
0.1
32.7
22.0
110
SMA4756A
56A
47.0
5.5
80.0
1500
0.25
0.1
35.8
19.0
95
SMA4757A
57A
51.0
5.0
95.0
1500
0.25
0.1
38.8
18.0
90
SMA4758A
58A
56.0
4.5
110.0
2000
0.25
0.1
42.6
16.0
80
SMA4759A
59A
62.0
4.0
125.0
2000
0.25
0.1
47.1
14.0
70
SMA4760A
60A
68.0
3.7
150.0
2000
0.25
0.1
51.7
13.0
65
SMA4761A
61A
75.0
3.3
175.0
2000
0.25
0.1
56.0
12.0
60
SMA4762A
62A
82.0
3.0
200.0
3000
0.25
0.1
62.2
11.0
55
SMA4763A
63A
91.0
2.8
250.0
3000
0.25
0.1
69.2
10.0
50
SMA4764A
64A
100.0
2.5
350.0
3000
0.25
0.1
76.0
9.0
45
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - SMA4741A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4741A YANGJIE-SMA4741A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4741A RFE-SMA4741A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4741A FORMOSA-SMA4741A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4741A SOCAY-SMA4741A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4741A CHENG-YI-SMA4741A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results

Similar Description - SMA4741A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
2EZ3.6D5 FS-2EZ3.6D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Texas Instruments
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Cirrus Logic
CS4349 CIRRUS-CS4349 Datasheet
815Kb / 40P
   192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG Datasheet
218Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com