Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4738A Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SMA4738A
Description  SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMA4738A Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SMA4738A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4738A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4738A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4738A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4738A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
3 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
Nominal Zener
Voltage
Maximum Zener Impedance
Maximum
Reverse Leakage
Current
Maximum
DC Zener
Current
Maximum
Surge
Current
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
IZK
IR @VR
IZM
IRM
Part Number
Marking
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
μA)
(V)
(mA)
(mApk)
SZ1110A
11Z
110.0
2.3
450.0
4000
0.25
0.1
83.6
8.6
40
SZ1120A
12Z
120.0
2.0
550.0
4500
0.25
0.1
91.2
7.8
37
SZ1130A
13Z
130.0
1.9
700.0
5000
0.25
0.1
98.8
7.0
34
SZ1150A
15Z
150.0
1.7
1000.0
6000
0.25
0.1
114.0
6.4
30
SZ1160A
16Z
160.0
1.6
1100.0
6500
0.25
0.1
121.6
5.8
28
SZ1180A
18Z
180.0
1.4
1200.0
7000
0.25
0.1
136.8
5.2
25
SZ1200A
20Z
200.0
1.2
1900.0
9990
0.25
0.1
152.0
4.7
22
SZ1220A
22Z
220.0
1.0
1600.0
8000
0.25
0.1
167.2
4.0
20
SZ1240A
24Z
240.0
0.9
1800.0
8500
0.25
0.1
182.4
3.8
19
SZ1250A
25Z
250.0
0.9
2000.0
9000
0.25
0.1
190.0
3.6
18
SZ1270A
27Z
270.0
0.8
2100.0
9000
0.25
0.1
205.0
3.3
16
SZ1300A
30Z
300.0
0.8
2300.0
9500
0.25
0.1
228.0
3.0
15
SZ1330A
33Z
330.0
0.7
2500.0
9500
0.25
0.1
250.2
2.7
13
Note:
(1) The type number listed have a standard tolerance on the nominal zener voltage of
± 5 %
(2) The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - SMA4738A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4738A YANGJIE-SMA4738A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4738A RFE-SMA4738A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4738A FORMOSA-SMA4738A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4738A SOCAY-SMA4738A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4738A CHENG-YI-SMA4738A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results

Similar Description - SMA4738A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
2EZ3.6D5 FS-2EZ3.6D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Texas Instruments
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Cirrus Logic
CS4349 CIRRUS-CS4349 Datasheet
815Kb / 40P
   192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG Datasheet
218Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com