Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13005ECG-C-T60-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13005ECG-C-T60-K
Description  NPN SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13005ECG-C-T60-K Datasheet(HTML) 1 Page - Unisonic Technologies

  13005ECG-C-T60-K Datasheet HTML 1Page - Unisonic Technologies 13005ECG-C-T60-K Datasheet HTML 2Page - Unisonic Technologies 13005ECG-C-T60-K Datasheet HTML 3Page - Unisonic Technologies 13005ECG-C-T60-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13005EC
Preliminary
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R213-022.d
NPN SILICON POWER
TRANSISTORS
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical.
They are particularly suited for 115 and 220 V SWITCHMODE.
FEATURES
* VCEO(SUS)= 850 V
* Reverse bias SOA with inductive loads @ TC = 100°С
* Inductive switching matrix 2 to 4 Amp, 25 and 100°С
tC @ 3A, 100°С is 180 ns (Typ)
* 850V blocking capability
* SOA and switching applications information
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/Relay drivers
* Deflection circuits
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
13005ECL-x-TM3-T
13005ECG-x-TM3-T
TO-251
B
C
E
Tube
13005ECL-x-T60-K
13005ECG-x-T60-K
TO-126
B
C
E
Bulk
13005ECL-x-TM3-T
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Free
(1) T: Tube, B: Bulk
(2) TM3: TO-251, T60: TO-126
(3) x: refer to Classification of hFE1
(4) L: Lead Free, G: Halogen Free
MARKING INFORMATION
PACKAGE
MARKING
TO-251
TO-126


Similar Part No. - 13005ECG-C-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13005ECG-X-T60-F-K UTC-13005ECG-X-T60-F-K Datasheet
168Kb / 4P
   NPN SILICON POWER TRANSISTOR
13005ECG-X-TM3-T UTC-13005ECG-X-TM3-T Datasheet
168Kb / 4P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - 13005ECG-C-T60-K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com